Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08TB70D Datasheet (PDF) - KIA Semiconductor Technology

08TB70D Datasheet PDF - KIA Semiconductor Technology
Part # 08TB70D
Download  08TB70D Download
File Size   164.29 Kbytes
Page   2 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description FAST RECOVERY DIODE 8.0A竊?00V

08TB70D Datasheet (PDF)

Go To PDF Page Download Datasheet
08TB70D Datasheet PDF - KIA Semiconductor Technology

Part # 08TB70D
Download  08TB70D Click to download

File Size   164.29 Kbytes
Page   2 Pages
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology
Description FAST RECOVERY DIODE 8.0A竊?00V

08TB70D Datasheet (HTML) - KIA Semiconductor Technology




Similar Part No. - 08TB70D

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
08TB60B KIA-08TB60B Datasheet
37Kb / 2P
FAST RECOVERY DIODE 8.0A竊?00V
More results


Similar Description - 08TB70D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR801 DIODES-FR801 Datasheet
60Kb / 2P
8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
logo
TAITRON Components Inco...
TF801L TAITRON-TF801L Datasheet
131Kb / 4P
8.0A Fast Recovery Rectifier
logo
Gulf Semiconductor
BYW95BG GULFSEMI-BYW95BG Datasheet
100Kb / 2P
FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
UGSP03J GULFSEMI-UGSP03J Datasheet
111Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
logo
Shenzhen Luguang Electr...
FR801 LUGUANG-FR801 Datasheet
161Kb / 2P
8.0A Fast Recovery Rectifier
logo
KIA Semiconductor Techn...
15TB60 KIA-15TB60 Datasheet
36Kb / 2P
FAST RECOVERY DIODE 15A竊?00V
30TB40D KIA-30TB40D Datasheet
197Kb / 3P
FAST RECOVERY DIODE 30A竊?00V
08TB60B KIA-08TB60B Datasheet
37Kb / 2P
FAST RECOVERY DIODE 8.0A竊?00V
60TB30 KIA-60TB30 Datasheet
196Kb / 3P
FAST RECOVERY DIODE 60A竊?00V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com