Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1344 Datasheet (PDF) - Rohm

2SB1344 Datasheet PDF - Rohm
Part # 2SB1344
Download  2SB1344 Download
File Size   329.64 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description POWER TRANSISTOR (-100V, -8A)

2SB1344 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1344 Datasheet PDF - Rohm

Part # 2SB1344
Download  2SB1344 Click to download

File Size   329.64 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description POWER TRANSISTOR (-100V, -8A)

2SB1344 Datasheet (HTML) - Rohm


2SB1344 Product details

Power Transistor ( -100V, - 8A)

Power Transistor  (100V,  8A)




Similar Part No. - 2SB1344

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SB1344 SAVANTIC-2SB1344 Datasheet
122Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1344 ISC-2SB1344 Datasheet
125Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1344 SAVANTIC-2SB1344 Datasheet
124Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1344 NJSEMI-2SB1344 Datasheet
127Kb / 2P
Silicon PNP Darlington Power Transistor
More results


Similar Description - 2SB1344

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX53 MOSPEC-BDX53 Datasheet
187Kb / 4P
POWER TRANSISTORS(8A.,45-100V,60W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Rohm
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 2P
For Power amplification (-100V, -8A)
2SD2607 ROHM-2SD2607 Datasheet
53Kb / 1P
For Power amplification (100V, 8A)
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
100V, 8A Rectifier
SBT80-10GS SANYO-SBT80-10GS Datasheet
238Kb / 3P
100V, 8A Rectifi er
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
100V, 8A Rectifier
logo
PFC Device Inc.
PT8L100SP PFC-PT8L100SP Datasheet
726Kb / 5P
8A 100V HPTR Schottky Rectifier
logo
Shindengen Electric Mfg...
P8B10SB SHINDENGEN-P8B10SB Datasheet
1Mb / 7P
Power MOSFETs 100V, 8A, N-channel
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
Power MOSFETs 100V, 8A, N-channel
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com