Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2607 Datasheet (PDF) - Rohm

2SD2607 Datasheet PDF - Rohm
Part # 2SD2607
Download  2SD2607 Download
File Size   53.54 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Power amplification (100V, 8A)

2SD2607 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2607 Datasheet PDF - Rohm

Part # 2SD2607
Download  2SD2607 Click to download

File Size   53.54 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Power amplification (100V, 8A)

2SD2607 Datasheet (HTML) - Rohm


2SD2607 Product details

Power Transistor (100V, 8A)

Features
1) Darlington connection for high DC current gain.
2) Built-in resistor between base and emitter.
3) Built-in damper diode.
4) Complements the 2SB1668.




Similar Part No. - 2SD2607

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD2600 SANYO-2SD2600 Datasheet
41Kb / 3P
NPN Triple Diffused Planar Silicon Darlington Transistor Driver Applications
logo
Foshan Blue Rocket Elec...
2SD2603 FOSHAN-2SD2603 Datasheet
772Kb / 6P
Silicon NPN transistor in a TO-220F Plastic Package.
logo
Toshiba Semiconductor
2SD2604 TOSHIBA-2SD2604 Datasheet
178Kb / 4P
HIGH POWER SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE APPLICATIONS
2SD2604 TOSHIBA-2SD2604 Datasheet
141Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
2SD2604 TOSHIBA-2SD2604_06 Datasheet
141Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
More results


Similar Description - 2SD2607

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX53 MOSPEC-BDX53 Datasheet
187Kb / 4P
POWER TRANSISTORS(8A.,45-100V,60W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Panasonic Semiconductor
2SB0930 PANASONIC-2SB0930 Datasheet
75Kb / 3P
For Power Amplification
2SB1623A PANASONIC-2SB1623A Datasheet
67Kb / 3P
For Power Amplification
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
POWER TRANSISTOR (-100V, -8A)
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 2P
For Power amplification (-100V, -8A)
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
100V, 8A Rectifier
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
100V, 8A Rectifier
logo
Shindengen Electric Mfg...
P8B10SB SHINDENGEN-P8B10SB Datasheet
1Mb / 7P
Power MOSFETs 100V, 8A, N-channel
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
Power MOSFETs 100V, 8A, N-channel
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com