Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT6160 Datasheet (PDF) - List of Unclassifed Manufacturers

WT6160 Datasheet PDF - List of Unclassifed Manufacturers
Part # WT6160
Download  WT6160 Download
File Size   44.93 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Digital Monitor Controller (ROM Type)

WT6160 Datasheet (PDF)

Go To PDF Page Download Datasheet
WT6160 Datasheet PDF - List of Unclassifed Manufacturers

Part # WT6160
Download  WT6160 Click to download

File Size   44.93 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Digital Monitor Controller (ROM Type)

WT6160 Datasheet (HTML) - List of Unclassifed Manufacturers


WT6160 Product details

[Weltrend]

GENERAL DESCRIPTION
The WT6148/ WT6160 is a microcontroller for digital controlled monitor. It contains an 8-bit CPU, 48K /60K bytes ROM, 1056 bytes RAM, 14 PWMs, parallel I/Os, SYNC signal processor, timer, DDC1/2B interface, master/slave I2C interface, 6-bit A/D converter and watch-dog timer.

FEATURES
· 8-bit 6502 compatible CPU with 6MHz operating frequency
· WT6148 : 48K bytes ROM, WT6160 : 60K bytes ROM, 1024 bytes SRAM+32 bytes bit addressable SRAM
· 12MHz crystal oscillator
· 14 channels 8-bit PWM outputs
· Sync signal processor with H+V separation, H/V frequency counter, H/V polarity detection/control and clamp pulse output
· Six free-running sync signal outputs (Horizontal frequency up to 106KHz 85Hz@1600x1200)
· Self-test pattern
· DDC1/2B module for EDID1.3, EDID2.0 and Enhance EDID
· Fast mode master/slave I2C interface (up to 400KHz)
· Watch-dog timer
· Maximum 28 programmable I/O pins
· One 8-bit programmable timer
· 6-bit A/D converter with 4 selectable inputs
· One external interrupt request input
· Low VDD reset




Similar Part No. - WT6160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT6116 ETC-WT6116 Datasheet
377Kb / 39P
microcontroller for digital controlled monitor
WT6124 ETC-WT6124 Datasheet
377Kb / 39P
microcontroller for digital controlled monitor
WT6132 ETC-WT6132 Datasheet
377Kb / 39P
microcontroller for digital controlled monitor
logo
Weltrend Semiconductor
WT61P8 WELTREND-WT61P8 Datasheet
982Kb / 54P
Flat Panel Display Control Sub-MCU
WT61P805 WELTREND-WT61P805 Datasheet
982Kb / 54P
Flat Panel Display Control Sub-MCU
More results


Similar Description - WT6160

ManufacturerPart #DatasheetDescription
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
Digital Monitor Controller
NT68P61A ETC-NT68P61A Datasheet
1Mb / 48P
8-Bit Microcontroller for Monitor (24K OTP ROM Type)
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
8-Bit Microcontroller for Monitor (32K OTP ROM Type)
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
8051 Embedded Monitor Controller Mask ROM Type
logo
Cirrus Logic
CS44210 CIRRUS-CS44210 Datasheet
656Kb / 38P
DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
logo
List of Unclassifed Man...
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
Digital Monitor Controller with USB Function
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
8051 Embedded Monitor Controller MTP Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com