Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT68P61A Datasheet (PDF) - List of Unclassifed Manufacturers

NT68P61A Datasheet PDF - List of Unclassifed Manufacturers
Part # NT68P61A
Download  NT68P61A Download
File Size   1057.01 Kbytes
Page   48 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-Bit Microcontroller for Monitor (24K OTP ROM Type)

NT68P61A Datasheet (PDF)

Go To PDF Page Download Datasheet
NT68P61A Datasheet PDF - List of Unclassifed Manufacturers

Part # NT68P61A
Download  NT68P61A Click to download

File Size   1057.01 Kbytes
Page   48 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-Bit Microcontroller for Monitor (24K OTP ROM Type)

NT68P61A Datasheet (HTML) - List of Unclassifed Manufacturers


NT68P61A Product details

[NOVATEK]

General Description
NT68P61A is a monitor component µC for auto-sync and digital controlled applications. It contains a 6502 8-bit CPU core, 256 bytes of RAM used as working RAM and stack area, 24K bytes of OTP ROM**, 14-channel 8-bit PWM D/A converters, 2-channel A/D converters for key detection saving I/O pins, one 8 bit pre-loadable base timer, internal Hsync and Vsync signals processor providing mode detection, watch-dog timer preventing system from abnormal operation, and an I2C bus interface. The LVRC enables NT68P61A operate properly.

Features
■  40 pin DIP & 42 pin SDIP package
■  Operating Voltage Range: 4.5V to 5.5V
■  CMOS technology for low power consumption
■  Crystal oscillator or ceramic resonator* available
■  6502 8-bit CMOS CPU core
■  8MHz operation of frequency
■  24K bytes of OTP (one time programming) ROM
■  256 bytes of RAM (which stores EDID for DDC1/2B)
■  One 8-bit pre-loadable base timer
■  14 channels of 8 bit PWM outputs:
   6 channel with 5V open drain and 8 channel with 12V
   open drain
■  2 channel A/D converters with 6-bit resolution
■  24 bi-directional I/O port pins and 1 I/P pin
■  Hsync/Vsync signal processor
■  Hardware sync signals polarity & freq. evaluator
■  Built-In I2C bus interface
■  Supporting VESA DDC1/2B function
■  Six-interrupt sources
   - INTV (Vsync INT)
   - INTE (External INT with rising edge trigger)
   - INTMR(Timer INT )
   - INTA (Slave Address Matched INT)
   - INTD (Shift Register INT)
   - INTS (SCL GO-LOW INT)
■  Hardware watch-dog timer function
■  Built-In Low Voltage reset circuit (LVRC)




Similar Part No. - NT68P61A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68P62 ETC-NT68P62 Datasheet
528Kb / 56P
8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
8-Bit Microcontroller for Monitor (32K OTP ROM Type)
NT68P62U ETC-NT68P62U Datasheet
528Kb / 56P
8-Bit Microcontroller for Monitor (32K OTP ROM Type)
More results


Similar Description - NT68P61A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
8-Bit Microcontroller for Monitor (32K OTP ROM Type)
logo
ELAN Microelectronics C...
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
8-Bit Microcontroller with OTP ROM
logo
SHENZHEN FUMAN ELECTRON...
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
8-bit OTP ROM microcontroller
logo
ELAN Microelectronics C...
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
8-Bit Microcontroller with OTP ROM
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com