Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M5255DP-45LL Datasheet (PDF) - Mitsubishi Electric Semiconductor

M5M5255DP-45LL Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M5M5255DP-45LL
Download  M5M5255DP-45LL Download
File Size   64.13 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM

M5M5255DP-45LL Datasheet (PDF)

Go To PDF Page Download Datasheet
M5M5255DP-45LL Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M5M5255DP-45LL
Download  M5M5255DP-45LL Click to download

File Size   64.13 Kbytes
Page   7 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 262,144-BIT (32,768-WORD BY 8-BIT) CMOS STATIC RAM

M5M5255DP-45LL Datasheet (HTML) - Mitsubishi Electric Semiconductor


M5M5255DP-45LL Product details

DESCRIPTION
The M5M5255DP,FP is 262,144-bit CMOS static RAMs organized as 32,768-words by 8-bits which is fabricated using high-performance 3 polysilicon CMOS technology. The use of resistive load NMOS cells and CMOS periphery results in a high density and low power static RAM. Stand-by current is small enough for battery back-up application. It is ideal for the memory systems which require simple interface.

FEATURE
• Single +5V power supply
• No clocks, no refresh
• Data-Hold on +2.0V power supply
• Directly TTL compatible : all inputs and outputs
• Three-state outputs : OR-tie capability
• Simple memory expantion by /S1, S2
• Common Data I/O
• Battery backup capability
• Low stand-by current··········0.05µA(typ.)

APPLICATION
    Small capacity memory units




Similar Part No. - M5M5255DP-45LL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M5256-10 MITSUBISHI-M5M5256-10 Datasheet
311Kb / 5P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-10L MITSUBISHI-M5M5256-10L Datasheet
311Kb / 5P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-10LL MITSUBISHI-M5M5256-10LL Datasheet
311Kb / 5P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-12 MITSUBISHI-M5M5256-12 Datasheet
311Kb / 5P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256-12L MITSUBISHI-M5M5256-12L Datasheet
311Kb / 5P
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Similar Description - M5M5255DP-45LL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55257DPL TOSHIBA-TC55257DPL Datasheet
504Kb / 13P
32,768 WORD-8 BIT STATIC RAM
TC55V16256J TOSHIBA-TC55V16256J Datasheet
448Kb / 9P
262,144-WORD BY 16-BIT CMOS STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
262,144-WORD BY 8-BIT STATIC RAM
TC55V328BJ TOSHIBA-TC55V328BJ Datasheet
357Kb / 9P
32,768 WORD-8 BIT STATIC RAM
TC55VZM216A TOSHIBA-TC55VZM216A Datasheet
192Kb / 11P
262,144-WORD BY 16-BIT CMOS STATIC RAM
logo
OKI electronic componet...
MSM51257AL OKI-MSM51257AL Datasheet
104Kb / 6P
32,768-WORD X 8-BIT CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55328P-17 TOSHIBA-TC55328P-17 Datasheet
407Kb / 8P
32,768 WORD X 8 BIT CMOS STATIC RAM
TC55257DPL-55V TOSHIBA-TC55257DPL-55V Datasheet
496Kb / 13P
32,768-WORD BY 8-BIT STATIC RAM
TC55328AP TOSHIBA-TC55328AP Datasheet
368Kb / 7P
32,768 WORD x 8 BIT CMOS STATIC RAM
TC55V328J TOSHIBA-TC55V328J Datasheet
337Kb / 6P
32,768 WORD x 8 BIT CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com