| Manufacturer | Part # | Datasheet | Description |
 ABLIC Inc. |
S-1135
|
558Kb / 48P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00 |
|
S-1312
|
540Kb / 47P |
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00 |
|
S-1312XXXH
|
1Mb / 39P |
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00 |
|
S-1313
|
825Kb / 56P |
5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00 |
|
S-1313XXXH
|
889Kb / 49P |
105°C OPERATION, 5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.1.2_00 |
|
S-1315
|
662Kb / 43P |
5.5 V INPUT, 200 mA, OUTPUT CAPACITOR-LESS VOLTAGE REGULATOR
Rev.1.4_00 |
|
S-1324
|
870Kb / 46P |
5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01 |
|
S-1333
|
676Kb / 47P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00 |
|
S-1740
|
1Mb / 47P |
5.5 V INPUT, 100 mA VOLTAGE REGULATOR WITH SUPPLY VOLTAGE DIVIDED OUTPUT
Rev.1.3_00 |
|
S-19251
|
908Kb / 41P |
AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01 |