| Manufacturer | Part # | Datasheet | Description |
 Texas Instruments |
TPS7A3401
|
593Kb / 18P |
-20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
|
 ABLIC Inc. |
S-13A1
|
1Mb / 74P |
5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00 |
|
S-1135
|
558Kb / 48P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00 |
|
S-1222B
|
1Mb / 65P |
28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00 |
|
S-1312
|
540Kb / 47P |
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00 |
|
S-1313
|
825Kb / 56P |
5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00 |
|
S-1313XXXH
|
889Kb / 49P |
105°C OPERATION, 5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.1.2_00 |
|
S-1315
|
662Kb / 43P |
5.5 V INPUT, 200 mA, OUTPUT CAPACITOR-LESS VOLTAGE REGULATOR
Rev.1.4_00 |
|
S-1333
|
676Kb / 47P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00 |
 STMicroelectronics |
LD56020
|
1Mb / 23P |
Low input voltage, 200 mA ultra-low noise LDO
01-Mar-2022 |