| Manufacturer | Part # | Datasheet | Description |
 Torex Semiconductor |
XC6601
|
701Kb / 33P |
Low Voltage Input LDO Voltage Regulator with Soft-Start Function
|
 ABLIC Inc. |
S-1135
|
558Kb / 48P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00 |
|
S-1333
|
676Kb / 47P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00 |
|
S-19243XXXA
|
1Mb / 74P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19243XXXH
|
1Mb / 74P |
AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19244XXXA
|
1Mb / 68P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19244XXXH
|
1Mb / 68P |
AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19252
|
848Kb / 57P |
AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.1_00 |
|
S-19253XXXH
|
782Kb / 30P |
AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00 |
|
S-19254XXXH
|
892Kb / 32P |
AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00 |