| Manufacturer | Part # | Datasheet | Description |
 ABLIC Inc. |
S-1137
|
791Kb / 47P |
5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00 |
|
S-1312
|
540Kb / 47P |
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00 |
|
S-1312XXXH
|
1Mb / 39P |
105°C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.2_00 |
|
S-19243XXXA
|
1Mb / 74P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19243XXXH
|
1Mb / 74P |
AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19244XXXA
|
1Mb / 68P |
AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19244XXXH
|
1Mb / 68P |
AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00 |
|
S-19251
|
908Kb / 41P |
AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01 |
|
S-19253XXXH
|
782Kb / 30P |
AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00 |
|
S-19254XXXH
|
892Kb / 32P |
AUTOMOTIVE, 105째C OPERATION, 6.5 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.1.2_00 |