Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD168110 Datasheet (PDF) - NEC

UPD168110 Datasheet PDF - NEC
Part # UPD168110
Download  UPD168110 Download
File Size   200.49 Kbytes
Page   18 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MICROSTEP DRIVER FOR DRIVING CAMERA LENS

UPD168110 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168110 Datasheet PDF - NEC

Part # UPD168110
Download  UPD168110 Click to download

File Size   200.49 Kbytes
Page   18 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MICROSTEP DRIVER FOR DRIVING CAMERA LENS

UPD168110 Datasheet (HTML) - NEC


UPD168110 Product details

DESCRIPTION

The µPD168110 is a monolithic 2-channel H bridge driver that consists of a CMOS controller and a MOS output stage. It can reduce the current consumption and the voltage loss at the output stage compared with a conventional driver using bipolar transistors, thanks to employmentof a MOS process. This product employs a P-channel MOSFET on the high side ofthe output stage, eliminating a charge pump. As a result, the circuit current consumption can be substantially reduced during operation.



FEATURES

O Two H bridge circuits employing power MOSFET

O Current feedback 64-step microstep driving and two-phase excitation driving selectable

O Low on-resistance: 2 ΩMAX.

O 3 V power supply

   Minimum operating power supply voltage VDD= 2.7 V

O Under voltage lockout circuit

   Shuts down internal circuitry at VDD= 1.7 V TYP.

O 24-pin TSSOP




Similar Part No. - UPD168110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168110 RENESAS-UPD168110 Datasheet
404Kb / 20P
MOS INTEGRATED CIRCUIT
2003
UPD168110MA-6A5 RENESAS-UPD168110MA-6A5 Datasheet
404Kb / 20P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD168110

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168112 NEC-UPD168112 Datasheet
155Kb / 28P
SERIAL CONTROL H-BRIDGE DRIVER FOR CAMERA LENS DRIVING
UPD168111A NEC-UPD168111A Datasheet
208Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
Lens Motor Driver for Digital Still Camera
logo
NEC
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Sanyo Semicon Device
LV8483CS SANYO-LV8483CS Datasheet
157Kb / 9P
For Camera Modules Composite Channel Lens Driver
logo
Pepperl+Fuchs Inc.
VOS-LE-C-8MM PF-VOS-LE-C-8MM Datasheet
1Mb / 2P
Accessory camera lens
VOS-LE-C-12MM PF-VOS-LE-C-12MM Datasheet
640Kb / 2P
Accessory camera lens
VOS-LE-C-16MM PF-VOS-LE-C-16MM Datasheet
761Kb / 2P
Accessory camera lens
VOS-LE-C-25MM PF-VOS-LE-C-25MM Datasheet
621Kb / 2P
Accessory camera lens
VOS-LE-C-35MM PF-VOS-LE-C-35MM Datasheet
689Kb / 2P
Accessory camera lens
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com