Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD168111A Datasheet (PDF) - NEC

UPD168111A Datasheet PDF - NEC
Part # UPD168111A
Download  UPD168111A Download
File Size   208.98 Kbytes
Page   39 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MICROSTEP DRIVER FOR DRIVING CAMERA LENS

UPD168111A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD168111A Datasheet PDF - NEC

Part # UPD168111A
Download  UPD168111A Click to download

File Size   208.98 Kbytes
Page   39 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MICROSTEP DRIVER FOR DRIVING CAMERA LENS

UPD168111A Datasheet (HTML) - NEC


UPD168111A Product details

DESCRIPTION
The µPD168111A is a monolithic 2-channel H bridge driver that consists of a CMOS controller and a MOS output stage. It can reduce the current consumption and the voltage loss at the output stage compared with a conventional driver using bipolar transistors, thanks to employment of a MOS process. This product employs a P-channel MOSFET on the high side of the output stage, eliminating a charge pump. As a result, the circuit current consumption can be substantially reduced during operation.
This product is ideal for driving the motor of a digital still camera as it can switch over between two-phase excitation driving and microstep driving, using a stepper motor

FEATURES
O Two H bridge circuits employing power MOSFET
O Current feedback 64-step microstep driving and two-phase excitation driving selectable
O Motor control by serial data (6 words of 16-bit configuration)
    Data is input with the LSB first.
    Pulse cycle, number of pulses, and output current value can be set.
O Input logic frequency: 6 MHz MAX.
O 3 V power supply
    Minimum operating power supply voltage VDD = 2.7 V
O Undervoltage lockout circuit
    Shuts down internal circuitry at VDD = 1.7 V TYP.
O Constrained output leak current
    Built-in the shut off circuit of VM pin output leak current at VDD = 0 V.
O 24-pin TSSOP




Similar Part No. - UPD168111A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168111A RENESAS-UPD168111A Datasheet
471Kb / 41P
MOS INTEGRATED CIRCUIT
2003
UPD168111AMA-6A5-A RENESAS-UPD168111AMA-6A5-A Datasheet
471Kb / 41P
MOS INTEGRATED CIRCUIT
2003
More results


Similar Description - UPD168111A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168112 NEC-UPD168112 Datasheet
155Kb / 28P
SERIAL CONTROL H-BRIDGE DRIVER FOR CAMERA LENS DRIVING
UPD168110 NEC-UPD168110 Datasheet
200Kb / 18P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
Lens Motor Driver for Digital Still Camera
logo
NEC
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
MICROSTEP DRIVER FOR DRIVING CAMERA LENS
logo
Sanyo Semicon Device
LV8483CS SANYO-LV8483CS Datasheet
157Kb / 9P
For Camera Modules Composite Channel Lens Driver
logo
Pepperl+Fuchs Inc.
VOS-LE-C-8MM PF-VOS-LE-C-8MM Datasheet
1Mb / 2P
Accessory camera lens
VOS-LE-C-12MM PF-VOS-LE-C-12MM Datasheet
640Kb / 2P
Accessory camera lens
VOS-LE-C-16MM PF-VOS-LE-C-16MM Datasheet
761Kb / 2P
Accessory camera lens
VOS-LE-C-25MM PF-VOS-LE-C-25MM Datasheet
621Kb / 2P
Accessory camera lens
VOS-LE-C-35MM PF-VOS-LE-C-35MM Datasheet
689Kb / 2P
Accessory camera lens
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com