Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1010D Datasheet (PDF) - List of Unclassifed Manufacturers

SD1010D Datasheet PDF - List of Unclassifed Manufacturers
Part # SD1010D
Download  SD1010D Download
File Size   242.11 Kbytes
Page   40 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Digital Interface VGA TFT LCD Display Controller

SD1010D Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1010D Datasheet PDF - List of Unclassifed Manufacturers

Part # SD1010D
Download  SD1010D Click to download

File Size   242.11 Kbytes
Page   40 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Digital Interface VGA TFT LCD Display Controller

SD1010D Datasheet (HTML) - List of Unclassifed Manufacturers


SD1010D Product details

[SmartASIC, Inc.]

OVERVIEW
The SD1010D is enhanced version of the SD1000 chip. It is an IC designed for digital-interface XGA TFT LCD monitors. A digital-interface LCD monitor takes digital RGB signals from a graphic card of a personal computer, the exact same input interface as a conventional CRT monitor. This feature makes digital-interface LCD monitor a true replacement of a conventional CRT monitor.

The digital input RGB signals are first received by TMDS receiver, and the 24-bit RGB data are then fed into the SD1010D. The SD1010D is capable of performing automatic detection of the display resolution and timing of input signals generated from various PC graphic cards. No special driver is required for the timing detection, nor any manual adjustment. The SD1010D then automatically scales the input image to fill the full screen of the LCD monitor. The SD1010D can interface with TFT LCD panels from various manufacturers by generating either 24-bit or 48-bit RGB signal to the LCD panel based upon the timing parameters saved in the EEPROM.

The SD1010D implements four advanced display technologies:
1. Advanced mode detection without any external CPU assist
2. Advanced programmable interpolation algorithm
3. Stand-alone mode support, and
4. Advanced true color support with both dithering and frame modulation.




Similar Part No. - SD1010D

ManufacturerPart #DatasheetDescription
logo
Dc Components
SD1010D DCCOM-SD1010D Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE RANGE - 20 to 100 Volts
More results


Similar Description - SD1010D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
Dual-Interface XGA TFT LCD Display Controller
logo
National Semiconductor ...
FPD80200 NSC-FPD80200 Datasheet
169Kb / 2P
LCD TV TFT-LCD Timing Controller with PPDS??Interface
logo
List of Unclassifed Man...
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
Dual-Interface SXGA TFT LCD Display Controller
logo
NXP Semiconductors
LC201V02-A3 PHILIPS-LC201V02-A3 Datasheet
456Kb / 26P
20.1 VGA TFT LCD
Jan. 17, 2003
logo
List of Unclassifed Man...
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
Digital-Interface XGA LCD Controller
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
Analog-Interface XGA/SXGA TFT LCD Display Controller
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
Analog-Interface XGA TFT LCD Display Controller
logo
Hantronix,Inc
HDA570V-G HANTRONIX-HDA570V-G Datasheet
782Kb / 17P
VGA(640X480) , TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570VT-G HANTRONIX-HDA570VT-G Datasheet
1,006Kb / 17P
VGA(640X480) , TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570V-GHL HANTRONIX-HDA570V-GHL_15 Datasheet
659Kb / 19P
VGA(640X480) TFT COLOR GRAPHICS LCD DISPLAY MODULE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com