Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1010A Datasheet (PDF) - List of Unclassifed Manufacturers

SD1010A Datasheet PDF - List of Unclassifed Manufacturers
Part # SD1010A
Download  SD1010A Download
File Size   322.04 Kbytes
Page   45 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Analog-Interface XGA TFT LCD Display Controller

SD1010A Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1010A Datasheet PDF - List of Unclassifed Manufacturers

Part # SD1010A
Download  SD1010A Click to download

File Size   322.04 Kbytes
Page   45 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Analog-Interface XGA TFT LCD Display Controller

SD1010A Datasheet (HTML) - List of Unclassifed Manufacturers


SD1010A Product details

[SmartASIC, Inc.]

OVERVIEW
The SD1010A is enhanced version of the SD1000 chip. It is an IC designed for analog-interface XGA TFT LCD monitors. An analog-interface LCD monitor takes analog RGB signals from a graphic card of a personal computer, the exact same input interface as a conventional CRT monitor. This feature makes analog-interface LCD monitor a true replacement of a conventional CRT monitor.

The analog input RGB signals are first sampled by three channels of 8-bit A/D converters, and the 24-bit RGB data are then fed into the SD1010A. The SD1010A is capable of performing automatic detection of the display resolution and timing of input signals generated from various PC graphic cards. No special driver is required for the timing detection, nor any manual adjustment. The SD1010A then automatically scales the input image to fill the full screen of the LCD monitor. The SD1010A can interface with TFT LCD panels from various manufacturers by generating either 24-bit or 48-bit RGB signal to the LCD panel based upon the timing parameters saved in the EEPROM.

The SD1010A implements four advanced display technologies:
1. Advanced mode detection and auto-calibration without any external CPU assist
2. Advanced programmable interpolation algorithm
3. Stand-alone mode support, and
4. Advanced true color support with both dithering and frame modulation.




Similar Part No. - SD1010A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
Dual-Interface XGA TFT LCD Display Controller
logo
Sirectifier Semiconduct...
SD1010 SIRECTIFIER-SD1010 Datasheet
225Kb / 2P
Discrete Diodes
logo
Dc Components
SD10100 DCCOM-SD10100 Datasheet
249Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Pan Jit International I...
SD10100CS PANJIT-SD10100CS Datasheet
34Kb / 2P
DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
SD10100CS PANJIT-SD10100CS Datasheet
426Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - SD1010A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM2116 ETC-GM2116 Datasheet
182Kb / 2P
ANALOG-INTERFACE ONPANEL XGA LCD CONTROLLER WITH RSDS TRANSMITTER
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
Dual-Interface XGA TFT LCD Display Controller
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
Dual-Interface SXGA TFT LCD Display Controller
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
Digital-Interface XGA LCD Controller
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
Analog-Interface XGA/SXGA TFT LCD Display Controller
GMZAN3 ETC1-GMZAN3 Datasheet
556Kb / 53P
XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
Digital Interface VGA TFT LCD Display Controller
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
15??TFT XGA LCD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com