Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM2116 Datasheet (PDF) - List of Unclassifed Manufacturers

GM2116 Datasheet PDF - List of Unclassifed Manufacturers
Part # GM2116
Download  GM2116 Download
File Size   182.32 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ANALOG-INTERFACE ONPANEL XGA LCD CONTROLLER WITH RSDS TRANSMITTER

GM2116 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM2116 Datasheet PDF - List of Unclassifed Manufacturers

Part # GM2116
Download  GM2116 Click to download

File Size   182.32 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description ANALOG-INTERFACE ONPANEL XGA LCD CONTROLLER WITH RSDS TRANSMITTER

GM2116 Datasheet (HTML) - List of Unclassifed Manufacturers


GM2116 Product details

[GENESIS MICROCHIP]

Analog-Interface OnPanel XGA LCD Controller with RSDS Transmitter

The gm2116 device is an all-in-one image processor targeted for the OnPanel LCD monitor market with resolutions up to XGA. The gm2116 leverages Genesis patented advanced imageprocessing technology and a proven integrated ADC/PLL to provide excellent image quality in simple and cost-effective solution. The integrated OnPanel timing controller (TCON) is fully programmable to interface with a wide range of commercially available LCD panels. A dual channel RSDS (reduced swing differential signaling) 6 or 8 bit transmitter is provided for direct connect to column drivers with RSDS inputs. This high level of integration reduces the number of components, which eliminates a PCB along with its associated connectors and cables. This reduces system cost, improves reliability and simplifies monitor design.

FEATURES
• Zoom (from VGA) and shrink (from UXGA) scaling
• Integrated 8-bit triple-channel ADC / PLL
• On-chip programmable OnPanel timing controller
• Embedded microcontroller with parallel ROM interface
• On-chip versatile OSD engine
• All system clocks synthesized from a single crystal
• Programmable gamma correction (CLUT)
• RealColor controls provide sRGB compliance
• PWM back light intensity control
• 5 Volt tolerant inputs
• Energy Spectrum Management (ESM™) for low EMI




Similar Part No. - GM2116

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM2116 GTM-GM2116 Datasheet
390Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
More results


Similar Description - GM2116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM2115 ETC-GM2115 Datasheet
1Mb / 54P
ANALOG INTER FACE XGA/SXGA ONPANEL LCD PANEL CONTROLLER
GM5126 ETC-GM5126 Datasheet
38Kb / 2P
DUAL INTERFACE ONPANEL SXGA LCD CONTROLLER WITH RSDS TRANSMITTER
SD1010 ETC-SD1010 Datasheet
319Kb / 46P
Dual-Interface XGA TFT LCD Display Controller
GM2126 ETC-GM2126 Datasheet
182Kb / 2P
ANALOG INTERFACE ONPANEL SXGA LCD CONTROLLER WITH RSDS TRANSMITTER
GM2120 ETC-GM2120 Datasheet
1Mb / 49P
XGA/SXGA LCD Monitor Controller with Intergrated Analog Interface
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
Digital-Interface XGA LCD Controller
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
Analog-Interface XGA/SXGA TFT LCD Display Controller
GMZAN3 ETC1-GMZAN3 Datasheet
556Kb / 53P
XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
Analog-Interface XGA TFT LCD Display Controller
GM5115 ETC1-GM5115 Datasheet
1Mb / 58P
ONPANEL LCD PANEL CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com