Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QO2000 Datasheet (PDF) - Schneider Electric

QO2000 Datasheet PDF - Schneider Electric
Part # QO2000
Download  QO2000 Download
File Size   144.22 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in

QO2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
QO2000 Datasheet PDF - Schneider Electric

Part # QO2000
Download  QO2000 Click to download

File Size   144.22 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in

QO2000 Datasheet (HTML) - Schneider Electric




Similar Part No. - QO2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO2000NRB SCHNEIDER-QO2000NRB Datasheet
108Kb / 2P
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 3R
QO2000NS SCHNEIDER-QO2000NS Datasheet
100Kb / 2P
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 1
More results


Similar Description - QO2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO200 SCHNEIDER-QO200 Datasheet
158Kb / 3P
Mini Switch, QO, 60 A, 2P, 240 V, 10 kA, Plug in
Dec 6, 2019
QO2105237 SCHNEIDER-QO2105237 Datasheet
111Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO2100H SCHNEIDER-QO2100H Datasheet
148Kb / 3P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in
Dec 6, 2019
QO220H2100 SCHNEIDER-QO220H2100 Datasheet
153Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
Dec 20, 2019
QO2100VH2100 SCHNEIDER-QO2100VH2100 Datasheet
153Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 22 kA, Plug in, Alarm Switch
QO210035 SCHNEIDER-QO210035 Datasheet
97Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in, 50Deg
QO2102100 SCHNEIDER-QO2102100 Datasheet
152Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO2152100 SCHNEIDER-QO2152100 Datasheet
152Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Plug in, Alarm Switch
QO21001200 SCHNEIDER-QO21001200 Datasheet
137Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
Dec 20, 2019
QOB2000 SCHNEIDER-QOB2000 Datasheet
129Kb / 3P
Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Bolt on
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com