Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1512TU Datasheet (PDF) - California Eastern Labs

UPB1512TU Datasheet PDF - California Eastern Labs
Part # UPB1512TU
Download  UPB1512TU Download
File Size   552.08 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 13 GHz INPUT DIVIDE BY 8 PRESCALER IN FOR SATELLITE COMMUNICATIONS

UPB1512TU Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1512TU Datasheet PDF - California Eastern Labs

Part # UPB1512TU
Download  UPB1512TU Click to download

File Size   552.08 Kbytes
Page   10 Pages
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs
Description NECs 13 GHz INPUT DIVIDE BY 8 PRESCALER IN FOR SATELLITE COMMUNICATIONS

UPB1512TU Datasheet (HTML) - California Eastern Labs




Similar Part No. - UPB1512TU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1512TU RENESAS-UPB1512TU Datasheet
333Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1512TU-E2 RENESAS-UPB1512TU-E2 Datasheet
333Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1512TU-E2-A RENESAS-UPB1512TU-E2-A Datasheet
333Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
More results


Similar Description - UPB1512TU

ManufacturerPart #DatasheetDescription
logo
NEC
UPG506B NEC-UPG506B Datasheet
54Kb / 4P
14 GHz DIVIDE-BY-8 DYNAMIC PRESCALER
logo
List of Unclassifed Man...
UPB1513TU ETC1-UPB1513TU Datasheet
549Kb / 10P
FOR SATELLITE COMMUNICATIONS DIVIDE BY 4 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
Hittite Microwave Corpo...
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 4 PRESCALER
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
Divide-by-8 Prescaler
More results




About California Eastern Labs


California Eastern Laboratories (CEL) is a leading semiconductor manufacturer and technology company that specializes in the design, development, and production of advanced RF and microwave components and systems. The company is headquartered in Santa Clara, California, and has been in operation for over 60 years.

CEL is known for its extensive range of high-performance RF and microwave products, including RF switches, mixers, amplifiers, and modules. The company also offers custom design services for customers with specific needs. CEL's products are widely used in various industries, including wireless communication, aerospace and defense, automotive, and medical.

CEL is also the exclusive sales and marketing partner of Renesas Electronics Corporation for North and South America, providing Renesas' broad portfolio of semiconductors to customers in the region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com