Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14014BCP Datasheet (PDF) - ON Semiconductor

MC14014BCP Datasheet PDF - ON Semiconductor
Part # MC14014BCP
Download  MC14014BCP Download
File Size   100.71 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit Static Shift Register

MC14014BCP Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14014BCP Datasheet PDF - ON Semiconductor

Part # MC14014BCP
Download  MC14014BCP Click to download

File Size   100.71 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8-Bit Static Shift Register

MC14014BCP Datasheet (HTML) - ON Semiconductor


MC14014BCP Product details

The MC14014B and MC14021B 8−bit static shift registers are constructed with MOS P−channel and N−channel enhancement mode devices in a single monolithic structure. These shift registers find primary use in parallel−to−serial data conversion, synchronous and asynchronous parallel input, serial output data queueing; and other general purpose register applications requiring low power and/or high noise immunity.

Features
• Synchronous Parallel Input/Serial Output (MC14014B)
• Asynchronous Parallel Input/Serial Output (MC14021B)
• Synchronous Serial Input/Serial Output
• Full Static Operation
• “Q” Outputs from Sixth, Seventh, and Eighth Stages
• Double Diode Input Protection
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low−power TTL Loads or One Low−power
    Schottky TTL Load Over the Rated Temperature Range
• MC14014B Pin−for−Pin Replacement for CD4014B
• MC14021B Pin−for−Pin Replacement for CD4021B
• Pb−Free Packages are Available




Similar Part No. - MC14014BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14014B MOTOROLA-MC14014B Datasheet
222Kb / 6P
8-Bit Static Shift Register
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14014BDG ONSEMI-MC14014BDG Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14014BDR2G ONSEMI-MC14014BDR2G Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
More results


Similar Description - MC14014BCP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
8-bit static shift register
January 1995
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
59Kb / 5P
8-bit static shift register
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
8-bit static shift register
Rev. 04-10 November 2008
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
8-bit static shift register
Rev. 8-21 November 2011
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
8-bit static shift register
HEF4021B-Q100 NEXPERIA-HEF4021B-Q100 Datasheet
766Kb / 15P
8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
8-bit static shift register
Rev. 11 - 1 December 2021
HEF4014B NEXPERIA-HEF4014B Datasheet
216Kb / 12P
8-bit static shift register
Rev. 11 - 24 November 2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com