Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14014B Datasheet (PDF) - Motorola, Inc

MC14014B Datasheet PDF - Motorola, Inc
Part # MC14014B
Download  MC14014B Download
File Size   222.17 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Static Shift Register

MC14014B Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14014B Datasheet PDF - Motorola, Inc

Part # MC14014B
Download  MC14014B Click to download

File Size   222.17 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8-Bit Static Shift Register

MC14014B Datasheet (HTML) - Motorola, Inc


MC14014B Product details

TheMC14014B and MC14021B 8–bitstatic shift registers are constructed withMOS P–channel and N–channel enhancement mode devices in a single monolithicstructure. These shift registers find primary use in parallel–to–serial data conversion, synchronous and asynchronous parallel input, serial outputdata queueing; and other general purpose register applications requiring low power and/or high noise immunity.



• Synchronous Parallel Input/Serial Output (MC14014B)

• Asynchronous Parallel Input/Serial Output (MC14021B)

• Synchronous Serial Input/Serial Output

• Full Static Operation

• “Q” Outputs from Sixth, Seventh, and Eighth Stages

• Double Diode Input Protection

• Supply Voltage Range = 3.0 Vdc to 18 Vdc

• Capable of Driving Two Low–power TTL Loads or One Low–power Schottky TTL Load Over the Rated Temperature Range

• MC14014B Pin–for–Pin Replacement for CD4014B

• MC14021B Pin–for–Pin Replacement for CD4021B




Similar Part No. - MC14014B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14014B ONSEMI-MC14014B Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
MC14014BCP ONSEMI-MC14014BCP Datasheet
100Kb / 8P
8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14014BCPG ONSEMI-MC14014BCPG Datasheet
100Kb / 8P
8-Bit Static Shift Register
February, 2005 ??Rev. 5
MC14014BD ONSEMI-MC14014BD Datasheet
100Kb / 8P
8-Bit Static Shift Register
February, 2005 ??Rev. 5
More results


Similar Description - MC14014B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
8-bit static shift register
January 1995
logo
Rohm
BU4021B ROHM-BU4021B Datasheet
59Kb / 5P
8-bit static shift register
logo
Hitachi Semiconductor
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
8-bit static shift register
Rev. 04-10 November 2008
HEF4014BT653 PHILIPS-HEF4014BT653 Datasheet
105Kb / 14P
8-bit static shift register
Rev. 8-21 November 2011
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
8-bit static shift register
Rev. 11 - 1 December 2021
HEF4014B NEXPERIA-HEF4014B Datasheet
216Kb / 12P
8-bit static shift register
Rev. 11 - 24 November 2021
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com