Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3102 Datasheet (PDF) - Intersil Corporation

X3102 Datasheet PDF - Intersil Corporation
Part # X3102
Download  X3102 Download
File Size   579.76 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 Cell Li-Ion Battery Protection and Monitor IC

X3102 Datasheet (PDF)

Go To PDF Page Download Datasheet
X3102 Datasheet PDF - Intersil Corporation

Part # X3102
Download  X3102 Click to download

File Size   579.76 Kbytes
Page   32 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3 Cell Li-Ion Battery Protection and Monitor IC

X3102 Datasheet (HTML) - Intersil Corporation


X3102 Product details

The X3102 is a protection and monitor IC for use in battery packs consisting of 3 series Lithium-Ion battery cells. The device provides internal over-charge, over-discharge, and overcurrent protection circuitry, internal EEPROM memory, an internal voltage regulator, and internal drive circuitry for external FET devices that control cell charge, discharge, and cell voltage balancing.

Over-charge, over-discharge, and overcurrent thresholds reside in an internal EEPROM memory register and are selected independently via software using a 3MHz SPI serial interface. Detection and time-out delays can also be individually varied using external capacitors.



Features

• Software Selectable Protection Levels and Variable Protect Detection/Release Times

• Integrated FET Drive Circuitry

• Cell Voltage and Current Monitoring

• 0.5% Accurate Voltage Regulator

• Integrated 4kbit EEPROM

• Flexible Power Management with 1µA Sleep Mode

• Cell Balancing Control



Benefit

• Optimize protection for chosen cells to allow maximum use of pack capacity.

• Reduce component count and cost

• Simplify implementation of gas gauge

• Accurate voltage and current measurements

• Record battery history to optimize gas gauge, track pack failures and monitor system use

• Reduce power to extend battery life

• Increase battery capacity and improve cycle life battery life



 




Similar Part No. - X3102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
X3102V28 RENESAS-X3102V28 Datasheet
1Mb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
More results


Similar Description - X3102

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X3100 XICOR-X3100 Datasheet
249Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
One Cell Li-ion and Li-poly Battery Protection IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com