Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3100 Datasheet (PDF) - Xicor Inc.

X3100 Datasheet PDF - Xicor Inc.
Part # X3100
Download  X3100 Download
File Size   249.25 Kbytes
Page   40 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 3 or 4 Cell Li-Ion Battery Protection and Monitor IC

X3100 Datasheet (PDF)

Go To PDF Page Download Datasheet
X3100 Datasheet PDF - Xicor Inc.

Part # X3100
Download  X3100 Click to download

File Size   249.25 Kbytes
Page   40 Pages
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.
Description 3 or 4 Cell Li-Ion Battery Protection and Monitor IC

X3100 Datasheet (HTML) - Xicor Inc.


X3100 Product details

DESCRIPTION

The X3100 is a protection and monitor IC for use in battery packs consisting of 4 series Lithium-Ion battery cells. The X3101 is designed to work in 3 cell applications. Both devices provide internal over charge, over-discharge, and over-current protection circuitry, internal EEPROM memory, an internal  voltage regulator, and internal drive circuitry for external FET devices that control cell charge, discharge, and cell voltage balancing. 



FEATURE

• Software Selectable Protection Levels and Variable Protect Detection/Release Times

• Integrated FET Drive Circuitry

• Cell Voltage and Current Monitoring

• 0.5% Accurate Voltage Regulator

• Integrated 4kbit EEPROM

• Flexible Power Management with 1µA Sleep Mode

• Cell Balancing Control



BENEFIT

• Optimize protection for chosen cells to allow maximum use of pack capacity.

• Reduce component count and cost

• Simplify implementation of gas gauge

• Accurate voltage and current measurements

• Record battery history to optimize gas gauge, track pack failures and monitor system use

• Reduce power to extend battery life

• Increase battery capacity and improve cycle life battery life




Similar Part No. - X3100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
X3100 INTERSIL-X3100 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
More results


Similar Description - X3100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
3 or 4 Cell Li-Ion Battery Protection and Monitor IC
April 11, 2005
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
ONE-CELL LI-ION BATTERY PROTECTION IC
V 2.0
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
ONE-CELL LI-ION BATTERY PROTECTION IC
V2.0
logo
Intersil Corporation
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
One Cell Li-ion and Li-poly Battery Protection IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com