Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9241AMPI Datasheet (PDF) - Intersil Corporation

X9241AMPI Datasheet PDF - Intersil Corporation
Part # X9241AMPI
Download  X9241AMPI Download
File Size   315.65 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Powr/2-Wire Serial Bus

X9241AMPI Datasheet (PDF)

Go To PDF Page Download Datasheet
X9241AMPI Datasheet PDF - Intersil Corporation

Part # X9241AMPI
Download  X9241AMPI Click to download

File Size   315.65 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Powr/2-Wire Serial Bus

X9241AMPI Datasheet (HTML) - Intersil Corporation


X9241AMPI Product details

Quad Digitally Controlled Potentiometer (XDCP™)



The X9241A integrates four digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated microcircuit.

The digitally controlled potentiometer is implemented using 63 resistive elements in a series array. Between each element are tap points connected to the wiper terminal through switches. The position of the wiper on the array is controlled by the user through the 2-wire bus interface. Each potentiometer has associated with it a volatile Wiper Counter Register (WCR) and 4 nonvolatile Data Registers (DR0:DR3) that can be directly written to and read by the user. The contents of the WCR controls the position of the wiper on the resistor array through the switches. Power up recalls the contents of DR0 to the WCR.



Features

• Four potentiometers in one package

• 2-wire serial interface

• Register oriented format

   - Direct read/write/transfer of wiper positions

   - Store as many as four positions per potentiometer

• Terminal Voltages: +5V, -3.0V

• Cascade resistor arrays

• Low power CMOS

• High Reliability

   - Endurance–100,000 data changes per bit per register

   - Register data retention–100 years

• 16-bytes of nonvolatile memory

• 3 resistor array values

   - 2kΩ to 50kΩ mask programmable

   - Cascadable for values of 500Ω to 200kΩ

• Resolution: 64 taps each pot

• 20 Ld plastic DIP, 20 Ld TSSOP and 20 Ld SOIC packages

• Pb-free plus anneal available (RoHS compliant)



 




Similar Part No. - X9241AMPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AMPI XICOR-X9241AMPI Datasheet
364Kb / 18P
Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMPI INTERSIL-X9241AMPI Datasheet
262Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
December 14, 2006
X9241AMPI INTERSIL-X9241AMPI Datasheet
285Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
262Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
December 14, 2006
X9241AMPIZ INTERSIL-X9241AMPIZ Datasheet
285Kb / 16P
Quad Digital Controlled Potentionmeters (XDCP??
More results


Similar Description - X9241AMPI

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
2K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C16U FAIRCHILD-NM24C16U Datasheet
97Kb / 13P
16K-Bit Serial EEPROM 2-Wire Bus Interface
logo
List of Unclassifed Man...
BR24L64 ETC1-BR24L64 Datasheet
99Kb / 2P
Serial 2 Wire Interface (I2C BUS Type)
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
64 Taps, 2-Wire Serial Bus
September 14, 2005
X9408 INTERSIL-X9408 Datasheet
373Kb / 21P
Low Noise/Low Power/2-Wire Bus
X9409 INTERSIL-X9409 Datasheet
357Kb / 20P
Low Noise/Low Power/2-Wire Bus
October 19, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com