Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU135 Datasheet (PDF) - Schneider Electric

QOU135 Datasheet PDF - Schneider Electric
Part # QOU135
Download  QOU135 Download
File Size   118.52 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 35A, 1P, 120/240V, 10kA

QOU135 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOU135 Datasheet PDF - Schneider Electric

Part # QOU135
Download  QOU135 Click to download

File Size   118.52 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 35A, 1P, 120/240V, 10kA

QOU135 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOU135

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU135VH SCHNEIDER-QOU135VH Datasheet
112Kb / 2P
QOU Miniature Circuit Breaker, 35A, 1P, 120/240V, 22kA
Mar 2, 2020
More results


Similar Description - QOU135

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU115 SCHNEIDER-QOU115 Datasheet
90Kb / 2P
QOU Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
QOU120 SCHNEIDER-QOU120 Datasheet
93Kb / 2P
QOU Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA
QOU125 SCHNEIDER-QOU125 Datasheet
88Kb / 2P
QOU Miniature Circuit Breaker, 25A, 1P, 120/240V, 10kA
QOU130 SCHNEIDER-QOU130 Datasheet
92Kb / 2P
QOU Miniature Circuit Breaker, 30A, 1P, 120/240V, 10kA
QOU140 SCHNEIDER-QOU140 Datasheet
90Kb / 2P
QOU Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA
QOU150 SCHNEIDER-QOU150 Datasheet
94Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA
QOU160 SCHNEIDER-QOU160 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
QOU235 SCHNEIDER-QOU235 Datasheet
98Kb / 2P
QOU Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
QOU145 SCHNEIDER-QOU145 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA
QOU190 SCHNEIDER-QOU190 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 90A, 1P, 120/240V, 10kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com