Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU150 Datasheet (PDF) - Schneider Electric

QOU150 Datasheet PDF - Schneider Electric
Part # QOU150
Download  QOU150 Download
File Size   94.21 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA

QOU150 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOU150 Datasheet PDF - Schneider Electric

Part # QOU150
Download  QOU150 Click to download

File Size   94.21 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA

QOU150 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOU150

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU1501021 SCHNEIDER-QOU1501021 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Shunt Trip
QOU1501042 SCHNEIDER-QOU1501042 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Shunt Trip
QOU1501200 SCHNEIDER-QOU1501200 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Aux Switch
QOU1505283 SCHNEIDER-QOU1505283 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Ring Terminal
QOU150VH SCHNEIDER-QOU150VH Datasheet
112Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 22kA
More results


Similar Description - QOU150

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU120 SCHNEIDER-QOU120 Datasheet
93Kb / 2P
QOU Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA
QOU125 SCHNEIDER-QOU125 Datasheet
88Kb / 2P
QOU Miniature Circuit Breaker, 25A, 1P, 120/240V, 10kA
QOU130 SCHNEIDER-QOU130 Datasheet
92Kb / 2P
QOU Miniature Circuit Breaker, 30A, 1P, 120/240V, 10kA
QOU135 SCHNEIDER-QOU135 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 35A, 1P, 120/240V, 10kA
QOU160 SCHNEIDER-QOU160 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
QOU145 SCHNEIDER-QOU145 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA
QOU1501021 SCHNEIDER-QOU1501021 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Shunt Trip
QOU1501042 SCHNEIDER-QOU1501042 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Shunt Trip
QOU1501200 SCHNEIDER-QOU1501200 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Aux Switch
QOU1505283 SCHNEIDER-QOU1505283 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA, Ring Terminal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com