Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOU250 Datasheet (PDF) - Schneider Electric

QOU250 Datasheet PDF - Schneider Electric
Part # QOU250
Download  QOU250 Download
File Size   105.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA

QOU250 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOU250 Datasheet PDF - Schneider Electric

Part # QOU250
Download  QOU250 Click to download

File Size   105.74 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA

QOU250 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOU250

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU2501021 SCHNEIDER-QOU2501021 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Shunt Trip
Feb 21, 2020
QOU2501042 SCHNEIDER-QOU2501042 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Shunt Trip
Feb 21, 2020
QOU2501200 SCHNEIDER-QOU2501200 Datasheet
147Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Aux Switch
QOU2501201 SCHNEIDER-QOU2501201 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Aux Switch
Feb 21, 2020
QOU2503100 SCHNEIDER-QOU2503100 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Mounting Foot
More results


Similar Description - QOU250

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOU150 SCHNEIDER-QOU150 Datasheet
94Kb / 2P
QOU Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA
QOU230 SCHNEIDER-QOU230 Datasheet
110Kb / 2P
QOU Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
QOU240 SCHNEIDER-QOU240 Datasheet
106Kb / 2P
QOU Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
QOU270 SCHNEIDER-QOU270 Datasheet
93Kb / 2P
QOU Miniature Circuit Breaker, 70A, 2P, 120/240V, 10kA
QOU2501021 SCHNEIDER-QOU2501021 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Shunt Trip
Feb 21, 2020
QOU2501042 SCHNEIDER-QOU2501042 Datasheet
131Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Shunt Trip
Feb 21, 2020
QOU2501201 SCHNEIDER-QOU2501201 Datasheet
99Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Aux Switch
Feb 21, 2020
QOU2501200 SCHNEIDER-QOU2501200 Datasheet
147Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Aux Switch
QOU2503100 SCHNEIDER-QOU2503100 Datasheet
120Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Mounting Foot
QOU2505283 SCHNEIDER-QOU2505283 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA, Ring Terminal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com