Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOUR245 Datasheet (PDF) - Schneider Electric

QOUR245 Datasheet PDF - Schneider Electric
Part # QOUR245
Download  QOUR245 Download
File Size   122.04 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA

QOUR245 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOUR245 Datasheet PDF - Schneider Electric

Part # QOUR245
Download  QOUR245 Click to download

File Size   122.04 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA

QOUR245 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOUR245

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR2455283 SCHNEIDER-QOUR2455283 Datasheet
96Kb / 2P
QOUR Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA, Ring Terminal
Mar 2, 2020
More results


Similar Description - QOUR245

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR210 SCHNEIDER-QOUR210 Datasheet
121Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR220 SCHNEIDER-QOUR220 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR225 SCHNEIDER-QOUR225 Datasheet
121Kb / 2P
QOUR Miniature Circuit Breaker, 25A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR230 SCHNEIDER-QOUR230 Datasheet
107Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR235 SCHNEIDER-QOUR235 Datasheet
114Kb / 2P
QOUR Miniature Circuit Breaker, 35A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR240 SCHNEIDER-QOUR240 Datasheet
121Kb / 2P
QOUR Miniature Circuit Breaker, 40A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR250 SCHNEIDER-QOUR250 Datasheet
104Kb / 2P
QOUR Miniature Circuit Breaker, 50A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR260 SCHNEIDER-QOUR260 Datasheet
122Kb / 2P
QOUR Miniature Circuit Breaker, 60A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR145 SCHNEIDER-QOUR145 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA
Mar 2, 2020
QOUR2455283 SCHNEIDER-QOUR2455283 Datasheet
96Kb / 2P
QOUR Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA, Ring Terminal
Mar 2, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com