Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOUR145 Datasheet (PDF) - Schneider Electric

QOUR145 Datasheet PDF - Schneider Electric
Part # QOUR145
Download  QOUR145 Download
File Size   106.93 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA

QOUR145 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOUR145 Datasheet PDF - Schneider Electric

Part # QOUR145
Download  QOUR145 Click to download

File Size   106.93 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QOUR Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA

QOUR145 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOUR145

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR140 SCHNEIDER-QOUR140 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA
More results


Similar Description - QOUR145

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOUR110 SCHNEIDER-QOUR110 Datasheet
109Kb / 2P
QOUR Miniature Circuit Breaker, 10A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR115 SCHNEIDER-QOUR115 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 15A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR120 SCHNEIDER-QOUR120 Datasheet
89Kb / 2P
QOUR Miniature Circuit Breaker, 20A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR130 SCHNEIDER-QOUR130 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 30A, 1P, 120/240V, 10kA
Feb 21, 2020
QOUR245 SCHNEIDER-QOUR245 Datasheet
122Kb / 2P
QOUR Miniature Circuit Breaker, 45A, 2P, 120/240V, 10kA
Feb 21, 2020
QOUR125 SCHNEIDER-QOUR125 Datasheet
100Kb / 2P
QOUR Miniature Circuit Breaker, 25A, 1P, 120/240V, 10kA
QOUR140 SCHNEIDER-QOUR140 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 40A, 1P, 120/240V, 10kA
QOUR150 SCHNEIDER-QOUR150 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 50A, 1P, 120/240V, 10kA
Mar 2, 2020
QOUR160 SCHNEIDER-QOUR160 Datasheet
106Kb / 2P
QOUR Miniature Circuit Breaker, 60A, 1P, 120/240V, 10kA
Mar 2, 2020
QOU145 SCHNEIDER-QOU145 Datasheet
118Kb / 2P
QOU Miniature Circuit Breaker, 45A, 1P, 120/240V, 10kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com