Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5283CY Datasheet (PDF) - Intersil Corporation

EL5283CY Datasheet PDF - Intersil Corporation
Part # EL5283CY
Download  EL5283CY Download
File Size   150.79 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Window 8ns High-Speed Comparator

EL5283CY Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5283CY Datasheet PDF - Intersil Corporation

Part # EL5283CY
Download  EL5283CY Click to download

File Size   150.79 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Window 8ns High-Speed Comparator

EL5283CY Datasheet (HTML) - Intersil Corporation


EL5283CY Product details

Window 8ns High-Speed Comparator

The EL5283 comparator is designed for operation in single supply and dual supply applications with 5V to 12V between VS+ and VS-. For single supplies, the inputs can operate from 0.1V below ground for use in ground-sensing applications.

Features
• 8ns typ. propagation delay
• 5V to 12V input supply
• +2.7V to +5V output supply
• True-to-ground input
• Rail-to-rail outputs
• Active low latch
• Single available (EL5181)
• Dual available (EL5281)
• Quad available (EL5481 & EL5482)
• Pin-compatible 4ns family available (EL5x85, EL5287 & EL5486)

Applications
• Threshold detection
• High speed sampling circuits
• High speed triggers
• Line receivers
• PWM circuits
• High speed V/F converters




Similar Part No. - EL5283CY

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5283CY ELANTEC-EL5283CY Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
EL5283CY-T13 ELANTEC-EL5283CY-T13 Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
More results


Similar Description - EL5283CY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
High Speed Window Comparator
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
8ns High-Speed Comparator
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
Window 4ns High-Speed Comparator
January 18, 2002
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
High Speed Window Comparator
REV. A
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
High Speed, 10 GHz Window Comparator
4/2018-Rev. D to Rev. E
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com