Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR-A6159 Datasheet (PDF) - Allegro MicroSystems

STR-A6159 Datasheet PDF - Allegro MicroSystems
Part # STR-A6159
Download  STR-A6159 Download
File Size   232.19 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Universal-Input/13 or 16 W Flyback Switching Regulators

STR-A6159 Datasheet (PDF)

Go To PDF Page Download Datasheet
STR-A6159 Datasheet PDF - Allegro MicroSystems

Part # STR-A6159
Download  STR-A6159 Click to download

File Size   232.19 Kbytes
Page   7 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Universal-Input/13 or 16 W Flyback Switching Regulators

STR-A6159 Datasheet (HTML) - Allegro MicroSystems


STR-A6159 Product details

FEATURES AND BENEFITS
■ Rugged 650 V Avalanche-Rated MOSFET
Simplified Surge Absorption
No VDSS Derating Required
■ Choice of rDS(on) (3.95 Ω or 6 Ω maximum)
■ Two Operational Modes by Automatic Switching:
PRC Mode for Normal Operation
Burst Mode for Stand-By Operation or Light Loads
■ Built-In Leading Edge Blanking
■ Low Start-Up Current
Start-Up Circuit Disabled in Operation
■ Low Operating Current (1.5 mA typ)
■ Automatic Burst Stand-By (intermittent operation)
Input Power <0.1 W at No Load
■ Auto-Bias Function
Stable Burst Operation Without Generating Interference
■ Internal Off-Timer Circuit
■ Built-In Constant-Voltage Drive
■ Multiple Protections:
Pulse-by-Pulse Overcurrent Protection
Overload Protection with Auto Recovery
Latching Overvoltage Protection
Undervoltage Lockout with Hysteresis
Latching Thermal Shutdown
■ Molded Small-Size 8-Pin Package
For Low-Height SMPS
Polarized to Prevent Backwards Assembly




Similar Part No. - STR-A6159

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6159 SANKEN-STR-A6159 Datasheet
139Kb / 2P
LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
STR-A6159 SANKEN-STR-A6159 Datasheet
851Kb / 25P
Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159 SANKEN-STR-A6159 Datasheet
854Kb / 26P
Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159M SANKEN-STR-A6159M Datasheet
851Kb / 25P
Off-Line PRC Controllers with Integrated Power MOSFET
STR-A6159M SANKEN-STR-A6159M Datasheet
854Kb / 26P
Off-Line PRC Controllers with Integrated Power MOSFET
More results


Similar Description - STR-A6159

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-A6131 ALLEGRO-STR-A6131 Datasheet
221Kb / 7P
120 V/12 or 16 W Flyback Switching Regulators
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251 ALLEGRO-STR-A6251 Datasheet
373Kb / 7P
Universal-Input/15 W 50 kHz Flyback Switching Regulators
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-A6259H ALLEGRO-STR-A6259H Datasheet
897Kb / 13P
Universal-Input 13 W 100 kHz Flyback Switching Regulators
logo
Sanken electric
STR-W6253MD SANKEN-STR-W6253MD Datasheet
575Kb / 14P
60 W-Universal Input/90 W-230 Vac Input PWM Switching Regulators
logo
Allegro MicroSystems
STR-W6252D ALLEGRO-STR-W6252D Datasheet
588Kb / 15P
60 W-Universal Input/40 W-230 Vac Input PWM Switching Regulators
logo
Sanken electric
STR-W6251D SANKEN-STR-W6251D Datasheet
598Kb / 15P
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
logo
Allegro MicroSystems
STR-A6252M ALLEGRO-STR-A6252M Datasheet
972Kb / 13P
Universal-Input 20W 67kHz Flyback Switching Regulators
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com