Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6224 Datasheet (PDF) - Intersil Corporation

EL6224 Datasheet PDF - Intersil Corporation
Part # EL6224
Download  EL6224 Download
File Size   119.12 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver w/ Oscillator

EL6224 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6224 Datasheet PDF - Intersil Corporation

Part # EL6224
Download  EL6224 Click to download

File Size   119.12 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 3-Channel Laser Diode Driver w/ Oscillator

EL6224 Datasheet (HTML) - Intersil Corporation


EL6224 Product details

3-Channel Laser Diode Driver w/ Oscillator

The EL6224 is a high performance three-channel laser driver that provides controlled current to a grounded laser diode. Channels 2 and 3 should be used as the write channels, with switching speeds of approximately one nanosecond rise/fall time. All three channels are summed together at the IOUT output, allowing the user to create multilevel waveforms in order to optimize laser diode performance. The level of the output current is set by an analog voltage applied to an external resistor which converts the voltage into a current at the IIN pin (virtually ground). The current seen at this pin is then amplified to become a current source at pin IOUT.

Features
• "Shrink-Small" outline package
• Voltage-controlled output current source requiring one external set resistor per channel
• Current-controlled output current source
• CH2 to 300mA max
• CH3 to 150mA max
• Rise time = 0.8ns
• Fall time = 0.8ns
• On-chip oscillator with frequency and amplitude control by use of external resistors to ground
• Oscillator to 600MHz
• Oscillator to 100mAPK/PK
• Single +5V supply (±10%)
• Disable feature for power-up protection and power savings

Applications
• CD-RW applications
• Writable optical drives
• Laser diode current switching




Similar Part No. - EL6224

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6200C ELANTEC-EL6200C Datasheet
35Kb / 2P
450 MHz HFM Oscillator
EL6200CW ELANTEC-EL6200CW Datasheet
35Kb / 2P
450 MHz HFM Oscillator
logo
Intersil Corporation
EL6201 INTERSIL-EL6201 Datasheet
175Kb / 8P
Low Power 430MHz HFM Oscillator w/Disable
October 25, 2004
EL6201 INTERSIL-EL6201 Datasheet
233Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
logo
Renesas Technology Corp
EL6201 RENESAS-EL6201 Datasheet
641Kb / 10P
Low Power 430MHz HFM Oscillator with Disable
August 2, 2007
More results


Similar Description - EL6224

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6244C ELANTEC-EL6244C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6248C ELANTEC-EL6248C Datasheet
136Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6283C ELANTEC-EL6283C Datasheet
41Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6288C ELANTEC-EL6288C Datasheet
135Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
logo
Intersil Corporation
EL6173 INTERSIL-EL6173 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 14, 2004
EL6244 INTERSIL-EL6244 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
EL6245 INTERSIL-EL6245 Datasheet
46Kb / 2P
3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
June 17, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com