Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59442 Datasheet (PDF) - Intersil Corporation

ISL59442 Datasheet PDF - Intersil Corporation
Part # ISL59442
Download  ISL59442 Download
File Size   560.57 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1GHz, 4 x 1 Multiplexing Amplifier

ISL59442 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59442 Datasheet PDF - Intersil Corporation

Part # ISL59442
Download  ISL59442 Click to download

File Size   560.57 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1GHz, 4 x 1 Multiplexing Amplifier

ISL59442 Datasheet (HTML) - Intersil Corporation


ISL59442 Product details

The ISL59442 is a single-output 4:1 MUX-amp. The MUX-amp has a fixed gain of 1 and a 1GHz bandwidth. The device contains logic inputs for channel selection (S0, S1), and a three-state output control (HIZ) for individual selection of MUX amps that share a common video output line. All logic inputs have pull-downs to ground and may be left floating.

Features
• 1GHz (-3dB) Bandwidth (VOUT = 200mVP-P)
• 235MHz (-3dB) Bandwidth (VOUT = 2VP-P)
• Slew Rate (RL = 525Ω, VOUT = 5V) . . . . . . . . . . . .1452V/μs
• High Speed Three-state Output (HIZ)
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment




Similar Part No. - ISL59442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
420Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
January 5, 2007
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB INTERSIL-ISL59442IB Datasheet
420Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
January 5, 2007
logo
Renesas Technology Corp
ISL59442IB RENESAS-ISL59442IB Datasheet
681Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IB-T13 INTERSIL-ISL59442IB-T13 Datasheet
420Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
January 5, 2007
More results


Similar Description - ISL59442

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
1GHz Triple Multiplexing Amplifiers
September 8, 2005
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
September 21, 2005
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
January 5, 2007
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
August 26, 2010
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
1GHz Triple Multiplexing Amplifiers
September 30, 2011
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
1GHz Triple Multiplexing Amplifiers
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
1GHz, 4 x 1 Multiplexing Amplifier
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
Triple 4:1 Single Supply Video Multiplexing Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com