Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5570WRS Datasheet (PDF) - Analog Devices

AD5570WRS Datasheet PDF - Analog Devices
Part # AD5570WRS
Download  AD5570WRS Download
File Size   963.38 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC

AD5570WRS Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5570WRS Datasheet PDF - Analog Devices

Part # AD5570WRS
Download  AD5570WRS Click to download

File Size   963.38 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC

AD5570WRS Datasheet (HTML) - Analog Devices


AD5570WRS Product details

GENERAL DESCRIPTION
The AD5570 is a single 16-bit serial input, voltage output DAC that operates from supply voltages of ±11.4 V up to ±16.5 V. Integral linearity (INL) and differential nonlinearity (DNL) are accurate to 1 LSB. During power-up, when the supply voltages are changing, VOUT is clamped to 0 V via a low impedance path.

FEATURES
   Full 16-bit performance
   1 LSB maximum INL and DNL
   Output voltage range up to ±14 V
   On-board reference buffers, eliminating the need for a
      negative reference
   Controlled output during power-on
   Temperature ranges of −40°C to +85°C for A/B version/−40°C
      to +125°C for W/Y version
   Settling time of 10 μs to 0.003%
   Clear function to 0 V
   Asynchronous update of outputs (LDAC pin)
   Power-on reset
   Serial data output for daisy chaining
   Data readback facility
   5 kV HBM ESD classification

APPLICATIONS
   Industrial automation
   Automatic test equipment
   Process control
   Data acquisition systems
   General-purpose instrumentation




Similar Part No. - AD5570WRS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5570 AD-AD5570 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
More results


Similar Description - AD5570WRS

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
12-bit Serial Input Voltage Output DAC
logo
Analog Devices
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
% V, Serial Input Complete 12-Bit DAC
REV.A
AD5764 AD-AD5764 Datasheet
266Kb / 27P
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
21-Oct-2004
AD5764R AD-AD5764R Datasheet
1Mb / 32P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5570 AD-AD5570_15 Datasheet
588Kb / 24P
True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
REV. C
AD5512A AD-AD5512A Datasheet
503Kb / 21P
Serial-Input Voltage-Output, 12-/16-Bit DAC
2/2017-Rev. B to Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com