Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1882C Datasheet (PDF) - Intersil Corporation

EL1882C Datasheet PDF - Intersil Corporation
Part # EL1882C
Download  EL1882C Download
File Size   167.17 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Sync Separator w/50% Slice, AGC

EL1882C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1882C Datasheet PDF - Intersil Corporation

Part # EL1882C
Download  EL1882C Click to download

File Size   167.17 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Sync Separator w/50% Slice, AGC

EL1882C Datasheet (HTML) - Intersil Corporation


EL1882C Product details

The EL1882C video sync separator is manufactured using Elantecs high performance analog CMOS process. This device extracts sync timing information from both standard and non-standard video input. It provides composite sync, vertical sync, burst/back porch timing and odd/even field detection. 50% sync tip slicing provides precise sync edge detection when the video input level is between 0.5VP-P and 2VP-P (sync tip amplitude 143mV to 572mV). A single external resistor sets all internal timing to adjust for various video standards. The composite sync output follows video in sync pulses, and a vertical sync pulse is output on the rising edge of the first vertical serration following the vertical pre-equalizing string. For non-standard vertical inputs, a default vertical pulse is output when the vertical signal stays low for longer than the vertical sync default delay time. The odd/even output indicates field polarity detected during the vertical blanking interval. The EL1882C is plug-in compatible with the industry standard LM1881 and can be substituted for that part in 5V applications with improved 50% slicing and lower required supply current.



Features

• NTSC, PAL, SECAM, non-standard video sync separation

• Precision 50% slicing of video input levels from 0.5VP-P to 2VP-P

• Low supply current - 1.5mA typ.

• Single +5V supply

• Composite, vertical sync output

• Odd/Even field output

• Burst/Back porch output

• Plug-in compatible with industry standard LM1881 in 5V applications

• Available in 8-pin DIP and SO package



Applications

• Video special effects

• Video test equipment

• Video distribution

• Displays

• Imaging

• Video data capture

• Video triggers



 




Similar Part No. - EL1882C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
Sync Separator, Low Power
October 20, 2004
logo
Renesas Technology Corp
EL1881 RENESAS-EL1881 Datasheet
618Kb / 13P
Sync Separator, Low Power
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
Sync Separator, Low Power
EL1881CN ELANTEC-EL1881CN Datasheet
319Kb / 12P
Sync Separator, Low Power
logo
Intersil Corporation
EL1881CN INTERSIL-EL1881CN Datasheet
193Kb / 11P
Sync Separator, Low Power
October 20, 2004
More results


Similar Description - EL1882C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4581C ELANTEC-EL4581C Datasheet
209Kb / 12P
Sync Separator, 50% Slice, S-H, Filter
EL4583C ELANTEC-EL4583C Datasheet
272Kb / 12P
Sync Separator, 50% Slice, S-H, Filter, HOUT
logo
Intersil Corporation
EL4581 INTERSIL-EL4581 Datasheet
108Kb / 9P
Sync Separator, 50% Slice, S-H, Filter
August 16, 2002
EL4581 INTERSIL-EL4581_08 Datasheet
208Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
February 8, 2008
EL4581 INTERSIL-EL4581_10 Datasheet
361Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583 INTERSIL-EL4583_10 Datasheet
319Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
EL4583A INTERSIL-EL4583A_10 Datasheet
238Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
November 12, 2010
logo
Renesas Technology Corp
EL4581 RENESAS-EL4581 Datasheet
496Kb / 10P
Sync Separator, 50% Slice, S-H, Filter
EL4583 RENESAS-EL4583 Datasheet
541Kb / 11P
Sync Separator, 50% Slice, S-H, Filter, HOUT
EL4583A RENESAS-EL4583A Datasheet
526Kb / 10P
Sync Separator, 50% Slice, S-H, Filter, HOUT
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com