Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1881 Datasheet (PDF) - Intersil Corporation

EL1881 Datasheet PDF - Intersil Corporation
Part # EL1881
Download  EL1881 Download
File Size   193.74 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Sync Separator, Low Power

EL1881 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL1881 Datasheet PDF - Intersil Corporation

Part # EL1881
Download  EL1881 Click to download

File Size   193.74 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Sync Separator, Low Power

EL1881 Datasheet (HTML) - Intersil Corporation


EL1881 Product details

The EL1881 video sync separator is manufactured using Elantec’s high performance analog CMOS process. This device extracts sync timing information from both standard and non-standard video input. It provides composite sync, vertical sync, burst/back porch timing, and odd/even field detection. Fixed 70mV sync tip slicing provides sync edge detection when the video input level is between 0.5VP-P and -2VP-P (sync tip amplitude 143mV to 572mV). A single external resistor sets all internal timing to adjust for various video standards.



Features

• NTSC, PAL, SECAM, non-standard video sync separation

• Fixed 70mV slicing of video input levels from 0.5VP-P to 2VP-P

• Low supply current - 1.5mA typ.

• Single +5V supply

• Composite, vertical sync output

• Odd/even field output

• Burst/back porch output

• Available in 8-pin PDIP and SO packages

• Pb-free available



Applications

• Video amplifiers

• PCMCIA applications

• A/D drivers

• Line drivers

• Portable computers

• High-speed communications

• RGB applications

• Broadcast equipment

• Active filtering




Similar Part No. - EL1881

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL1881 RENESAS-EL1881 Datasheet
618Kb / 13P
Sync Separator, Low Power
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
Sync Separator, Low Power
EL1881CN ELANTEC-EL1881CN Datasheet
319Kb / 12P
Sync Separator, Low Power
logo
Renesas Technology Corp
EL1881CN RENESAS-EL1881CN Datasheet
618Kb / 13P
Sync Separator, Low Power
logo
Elantec Semiconductor
EL1881CS ELANTEC-EL1881CS Datasheet
319Kb / 12P
Sync Separator, Low Power
More results


Similar Description - EL1881

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
Sync Separator, Low Power
logo
Intersil Corporation
EL4511 INTERSIL-EL4511 Datasheet
453Kb / 24P
Super Sync Separator
July 21, 2005
logo
Rohm
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
Sync. Separator With AFC
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
No-adjustment Sync Separator Sync Detector
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
logo
Renesas Technology Corp
EL1881 RENESAS-EL1881 Datasheet
618Kb / 13P
Sync Separator, Low Power
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
Super Sync Separator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com