Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4511 Datasheet (PDF) - Intersil Corporation

EL4511 Datasheet PDF - Intersil Corporation
Part # EL4511
Download  EL4511 Download
File Size   453.69 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Super Sync Separator

EL4511 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4511 Datasheet PDF - Intersil Corporation

Part # EL4511
Download  EL4511 Click to download

File Size   453.69 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Super Sync Separator

EL4511 Datasheet (HTML) - Intersil Corporation


EL4511 Product details

The EL4511 sync separator IC is designed for operation in the next generation of DTV, HDTV, and projector applications, as well as broadcast equipment and other applications where video signals need to be processed. The EL4511 accepts sync on green, separate sync, and H/V sync inputs, automatically selecting the relevant format. It is also capable of detecting and decoding tri-level syncs used with the latest HD systems. Unlike standard sync separators, the EL4511 can automatically detect the line rate and locks to it, without the use of an external RSET resistor. The EL4511 is available in a 24-pin QSOP package and operates over the full 0°C to 70°C temperature range.



Features

• Composite, component, HDTV, and PC signal-compatible

• Tri-level & bi-level sync-compatible

• Auto sync detection

• 150kHz max line rate

• Low power

• Small package outline

• 3.3V and 5V operation

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• HDTV/DTV analog inputs

• Video projectors

• Computer monitors

• Set top boxes

• Security video

• Broadcast video equipment




Similar Part No. - EL4511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4511 INTERSIL-EL4511 Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
Super Sync Separator
logo
Intersil Corporation
EL4511CU INTERSIL-EL4511CU Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
logo
Renesas Technology Corp
EL4511CU RENESAS-EL4511CU Datasheet
964Kb / 24P
Super Sync Separator
logo
Intersil Corporation
EL4511CU-T13 INTERSIL-EL4511CU-T13 Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
More results


Similar Description - EL4511

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
logo
Elantec Semiconductor
EL1881C ELANTEC-EL1881C Datasheet
319Kb / 12P
Sync Separator, Low Power
logo
Intersil Corporation
EL1881 INTERSIL-EL1881 Datasheet
193Kb / 11P
Sync Separator, Low Power
October 20, 2004
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
Sync. Separator With AFC
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
logo
Mitsumi Electronics, Co...
MM1067 MITSUMI-MM1067 Datasheet
92Kb / 3P
No-adjustment Sync Separator Sync Detector
logo
Intersil Corporation
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
logo
Renesas Technology Corp
EL4511 RENESAS-EL4511 Datasheet
964Kb / 24P
Super Sync Separator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com