Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7535 Datasheet (PDF) - Intersil Corporation

EL7535 Datasheet PDF - Intersil Corporation
Part # EL7535
Download  EL7535 Download
File Size   317.76 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 350mA Step-Down Regulator

EL7535 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7535 Datasheet PDF - Intersil Corporation

Part # EL7535
Download  EL7535 Click to download

File Size   317.76 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Monolithic 350mA Step-Down Regulator

EL7535 Datasheet (HTML) - Intersil Corporation


EL7535 Product details

The EL7535 is a synchronous, integrated FET 350mA stepdown regulator in a MSOP10 package. The regulator is internally compensated, which makes it possible to use just five tiny external components to form a complete DC/DC converter. The regulator operates with an input voltage range from 2.5V to 6V, which accommodates supplies of 3.3V, 5V, or a Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider.



Features

• Extremely small 350mA DC/DC converter

• Max height 1.1mm MSOP10 package

• Possibly uses only five tiny external components with fixed output

• Power-On-Reset output (POR)

• Internally-compensated voltage mode controller

• Up to 94% efficiency

• <1µA shut-down current

• Overcurrent and over-temperature protection

• Pb-free plus anneal available (RoHS compliant)



Applications

• PDA and pocket PC computers

• Bar code readers

• Cellular phones

• Portable test equipment

• Li-Ion battery powered devices

• Small form factor (SFP) modules



 




Similar Part No. - EL7535

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
180Kb / 9P
Monolithic 350mA Step-Down Regulator
July 13, 2006
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7535IY INTERSIL-EL7535IY Datasheet
180Kb / 9P
Monolithic 350mA Step-Down Regulator
July 13, 2006
EL7535IY-T13 INTERSIL-EL7535IY-T13 Datasheet
180Kb / 9P
Monolithic 350mA Step-Down Regulator
July 13, 2006
EL7535IY-T7 INTERSIL-EL7535IY-T7 Datasheet
180Kb / 9P
Monolithic 350mA Step-Down Regulator
July 13, 2006
More results


Similar Description - EL7535

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7534 INTERSIL-EL7534 Datasheet
351Kb / 8P
Monolithic 600mA Step-Down Regulator
August 16, 2005
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
EL7535 INTERSIL-EL7535_06 Datasheet
180Kb / 9P
Monolithic 350mA Step-Down Regulator
July 13, 2006
EL7534 INTERSIL-EL7534_06 Datasheet
193Kb / 9P
Monolithic 600mA Step-Down Regulator
July 12, 2006
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
EL7532 INTERSIL-EL7532 Datasheet
226Kb / 8P
Monolithic 2A Step-Down Regulator
logo
Renesas Technology Corp
EL7532 RENESAS-EL7532 Datasheet
506Kb / 9P
Monolithic 2A Step-Down Regulator
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
Monolithic 1A Step-Down Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com