Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEPD80 Datasheet (PDF) - Schneider Electric

HEPD80 Datasheet PDF - Schneider Electric
Part # HEPD80
Download  HEPD80 Download
File Size   112.08 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description SPD, HEPD type 1, 120/240 V, 1 PH, 3 wire, 80kA

HEPD80 Datasheet (PDF)

Go To PDF Page Download Datasheet
HEPD80 Datasheet PDF - Schneider Electric

Part # HEPD80
Download  HEPD80 Click to download

File Size   112.08 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description SPD, HEPD type 1, 120/240 V, 1 PH, 3 wire, 80kA

HEPD80 Datasheet (HTML) - Schneider Electric




Similar Part No. - HEPD80

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HEPD80MKF SCHNEIDER-HEPD80MKF Datasheet
84Kb / 1P
SPD, HEPD type 1, mount kit, flush
Apr 8, 2020
HEPD80W SCHNEIDER-HEPD80W Datasheet
99Kb / 3P
SPD, HEPD type 1, 120/240 V, 1 PH, 3 wire, 80 kA, wholesale
Apr 8, 2020
More results


Similar Description - HEPD80

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM4080L225PC SCHNEIDER-HOM4080L225PC Datasheet
119Kb / 4P
Homeline, LC, 225 A, 120/240 V, 1 PH, MLO, Homeline, LC, 225 A, 120/240 V, 1 PH, MLO,
Mar 30, 2020
HEPD80MKF SCHNEIDER-HEPD80MKF Datasheet
84Kb / 1P
SPD, HEPD type 1, mount kit, flush
Apr 8, 2020
HEPD80W SCHNEIDER-HEPD80W Datasheet
99Kb / 3P
SPD, HEPD type 1, 120/240 V, 1 PH, 3 wire, 80 kA, wholesale
Apr 8, 2020
SDSB80111 SCHNEIDER-SDSB80111 Datasheet
76Kb / 2P
SPD - SDSB Type 1 - 120/240V - 1PH - 3 Wire - 80kA
Apr 8, 2020
SSP01XDSE10A1 SCHNEIDER-SSP01XDSE10A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 120/240V - 1PH - 3 Wire - 100kA
Apr 16, 2020
SSP01XDSE15A1 SCHNEIDER-SSP01XDSE15A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 120/240V - 1PH - 3 Wire - 150kA
Apr 16, 2020
SSP01XDSE20A1 SCHNEIDER-SSP01XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 120/240V - 1PH - 3 Wire - 200kA
Apr 16, 2020
SSP05XDSE20A1 SCHNEIDER-SSP05XDSE20A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 480V Delta - 3PH - 3 Wire - 200kA
SSP06XDSE15A1 SCHNEIDER-SSP06XDSE15A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 240V Delta - 3PH - 3 Wire - 150kA
SSP09XDSE10A1 SCHNEIDER-SSP09XDSE10A1 Datasheet
135Kb / 2P
SPD - XDSE Type 1 - 600V Delta - 3PH - 3 Wire - 100kA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com