Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3IMA121 Datasheet (PDF) - Schneider Electric

MA3IMA121 Datasheet PDF - Schneider Electric
Part # MA3IMA121
Download  MA3IMA121 Download
File Size   58.79 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - 120kA - 240/120VAC delta - 3P4W - T1 - CSA

MA3IMA121 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA3IMA121 Datasheet PDF - Schneider Electric

Part # MA3IMA121
Download  MA3IMA121 Click to download

File Size   58.79 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - 120kA - 240/120VAC delta - 3P4W - T1 - CSA

MA3IMA121 Datasheet (HTML) - Schneider Electric




Similar Part No. - MA3IMA121

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MA3IMA12 SCHNEIDER-MA3IMA12 Datasheet
145Kb / 2P
Surge mod IMA - 120kA - 120/240VAC - 3P4W - T2 - CSA
More results


Similar Description - MA3IMA121

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP03EMA12 SCHNEIDER-SSP03EMA12 Datasheet
128Kb / 2P
Surge Protect - EMA - 120kA - 240/120VAC delta - 3P4W - T1
Apr 8, 2020
SSP03EMA12D SCHNEIDER-SSP03EMA12D Datasheet
128Kb / 2P
Surge Protect - EMA - 120kA - 240/120VAC delta - 3P4W - T1 - SW
Apr 8, 2020
HL3IMA12C1 SCHNEIDER-HL3IMA12C1 Datasheet
151Kb / 2P
Surge Protect - IMA - HL - 120kA - 240/120VAC delta - 3P4W - T1
Apr 16, 2020
MA3IMA241 SCHNEIDER-MA3IMA241 Datasheet
58Kb / 2P
Surge mod IMA - 240kA - 240/120VAC delta - 3P4W - T1 - CSA
MA4IMA121 SCHNEIDER-MA4IMA121 Datasheet
58Kb / 2P
Surge mod IMA - 120kA - 480Y/277VAC - 3P4W - T1 - CSA
HR3IMA12C SCHNEIDER-HR3IMA12C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 120kA - 240/120VAC delta - 3P4W - T2
HR3IMA12C1 SCHNEIDER-HR3IMA12C1 Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 120kA - 240/120VAC delta - 3P4W - T1
HR3IMA16C1 SCHNEIDER-HR3IMA16C1 Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 160kA - 240/120VAC delta - 3P4W - T1
TVS2IMA12O1 SCHNEIDER-TVS2IMA12O1 Datasheet
101Kb / 2P
Surge Protect - IMA - 120kA - 208Y/120VAC - 3P4W - T1
May 15, 2020
TVS3IMA12O SCHNEIDER-TVS3IMA12O Datasheet
58Kb / 2P
Surge Protect - IMA - 120kA - 240/120VAC delta - 3P4W - T2
May 15, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com