Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3IMA241 Datasheet (PDF) - Schneider Electric

MA3IMA241 Datasheet PDF - Schneider Electric
Part # MA3IMA241
Download  MA3IMA241 Download
File Size   58.81 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - 240kA - 240/120VAC delta - 3P4W - T1 - CSA

MA3IMA241 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA3IMA241 Datasheet PDF - Schneider Electric

Part # MA3IMA241
Download  MA3IMA241 Click to download

File Size   58.81 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Surge mod IMA - 240kA - 240/120VAC delta - 3P4W - T1 - CSA

MA3IMA241 Datasheet (HTML) - Schneider Electric




Similar Part No. - MA3IMA241

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MA3IMA24 SCHNEIDER-MA3IMA24 Datasheet
145Kb / 2P
Surge mod IMA - 240kA - 120/240VAC - 3P4W - T2 - CSA
More results


Similar Description - MA3IMA241

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SSP03EMA24 SCHNEIDER-SSP03EMA24 Datasheet
128Kb / 2P
Surge Protect - EMA - 240kA - 240/120VAC delta - 3P4W - T1
Apr 8, 2020
HL3IMA24C SCHNEIDER-HL3IMA24C Datasheet
152Kb / 2P
Surge Protect - IMA - HL - 240kA - 240/120VAC delta - 3P4W - T2
Apr 16, 2020
HL3IMA24C1 SCHNEIDER-HL3IMA24C1 Datasheet
151Kb / 2P
Surge Protect - IMA - HL - 240kA - 240/120VAC delta - 3P4W - T1
MA2IBA241 SCHNEIDER-MA2IBA241 Datasheet
57Kb / 2P
Surge mod IBA - 240kA - 208Y/120VAC - 3P4W - T1 - CSA
MA3IMA121 SCHNEIDER-MA3IMA121 Datasheet
58Kb / 2P
Surge mod IMA - 120kA - 240/120VAC delta - 3P4W - T1 - CSA
MA5IMA241 SCHNEIDER-MA5IMA241 Datasheet
134Kb / 2P
Surge mod IMA - 240kA - 480VAC delta - 3P3W - T1 - CSA
HR3IMA24C SCHNEIDER-HR3IMA24C Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 240kA - 240/120VAC delta - 3P4W - T2
HR3IMA24C1 SCHNEIDER-HR3IMA24C1 Datasheet
153Kb / 2P
Surge Protect - IMA - HR - 240kA - 240/120VAC delta - 3P4W - T1
TVS2IMA24O1 SCHNEIDER-TVS2IMA24O1 Datasheet
101Kb / 2P
Surge Protect - IMA - 240kA - 208Y/120VAC - 3P4W - T1
May 15, 2020
TVS3IMA24O SCHNEIDER-TVS3IMA24O Datasheet
57Kb / 2P
Surge Protect - IMA - 240kA - 240/120VAC delta - 3P4W - T2
May 15, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com