Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74LCX652SD Datasheet (PDF) - ON Semiconductor

MC74LCX652SD Datasheet PDF - ON Semiconductor
Part # MC74LCX652SD
Download  MC74LCX652SD Download
File Size   177.19 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE

MC74LCX652SD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74LCX652SD Datasheet PDF - ON Semiconductor

Part # MC74LCX652SD
Download  MC74LCX652SD Click to download

File Size   177.19 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE

MC74LCX652SD Datasheet (HTML) - ON Semiconductor


MC74LCX652SD Product details

Low-Voltage CMOS Octal Transceiver/Registered Transceiver With Dual Enable
With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)

The MC74LCX652 is a high performance, non−inverting octal transceiver/registered transceiver operating from a 2.3 to 3.6 V supply. High impedance TTL compatible inputs significantly reduce current loading to input drivers while TTL compatible outputs offer improved switching noise performance. A VI specification of 5.5 V allows MC74LCX652 inputs to be safely driven from 5 V devices. The MC74LCX652 is suitable for memory address driving and all TTL level bus oriented transceiver applications.

• Designed for 2.3 to 3.6 V VCC Operation
• 5 V Tolerant − Interface Capability With 5 V TTL Logic
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0 V
• LVTTL Compatible
• LVCMOS Compatible
• 24 mA Balanced Output Sink and Source Capability
• Near Zero Static Supply Current in All Three Logic States (10 μA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds 500 mA
• ESD Performance: Human Body Model >2000 V; Machine Model >200 V




Similar Part No. - MC74LCX652SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX652SD MOTOROLA-MC74LCX652SD Datasheet
177Kb / 9P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
More results


Similar Description - MC74LCX652SD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX16652 MOTOROLA-MC74LCX16652 Datasheet
172Kb / 10P
LOW-VOLTAGE CMOS 16-BIT TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LCX646 MOTOROLA-MC74LCX646 Datasheet
169Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER
MC74LCX652 MOTOROLA-MC74LCX652 Datasheet
177Kb / 9P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
MC74LVQ652 MOTOROLA-MC74LVQ652 Datasheet
244Kb / 10P
LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11620 TI1-74AC11620_09 Datasheet
119Kb / 7P
OCTAL TRANSCEIVER WITH DUAL ENABLE
74AC11623 TI1-74AC11623_09 Datasheet
108Kb / 6P
OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
OCTAL TRANSCEIVER WITH DUAL ENABLE
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com