Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2548883 Datasheet (PDF) - Intersil Corporation

HA-2548883 Datasheet PDF - Intersil Corporation
Part # HA-2548883
Download  HA-2548883 Download
File Size   58.86 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision, High Slew Rate, Wideband Operational Amplifier

HA-2548883 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2548883 Datasheet PDF - Intersil Corporation

Part # HA-2548883
Download  HA-2548883 Click to download

File Size   58.86 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision, High Slew Rate, Wideband Operational Amplifier

HA-2548883 Datasheet (HTML) - Intersil Corporation


HA-2548883 Product details

Description
The HA-2548/883 is a monolithic op amp that offers a unique combination of bandwidth, slew rate, and precision specifications. These features can eliminate the need for composite op amp designs and external calibration circuitry.

Features
• This Circuit is Processed in Accordance to MIL-STD-883 and is Fully Conformant Under the Provisions of Paragraph 1.2.1.
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . 120V/µs (Typ)
• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . 300µV (Typ) 900µV (Max)
• High Open Loop Gain . . . . . . . . . . . . . . . . . 130dB (Typ) 114dB (Min)
• Gain Bandwidth Product . . . . . . . . . . . . . 150MHz (Typ)
• Low Voltage Noise at 1kHz . . . . . . . . . .8.3nV/√Hz (Typ)
• Minimum Gain Stability . . . . . . . . . . . . . . . . . . .≥ 5 (Typ)

Applications
• High Speed Instrumentation
• Data Acquisition Systems
• Analog Signal Conditioning
• Precision, Wideband Amplifiers
• Pulse/RF Amplifiers




Similar Part No. - HA-2548883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2548 INTERSIL-HA-2548 Datasheet
812Kb / 9P
150MHz, High Slew Rate, Precision Operational Amplifier
September 1998
More results


Similar Description - HA-2548883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
168Kb / 12P
Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2548 INTERSIL-HA-2548 Datasheet
812Kb / 9P
150MHz, High Slew Rate, Precision Operational Amplifier
September 1998
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
Precision High Slew Rate Operational Amplifier
September 2004
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HA-2850883 INTERSIL-HA-2850883 Datasheet
308Kb / 12P
Low Power, High Slew Rate, Wideband Operational Amplifier
July 1994
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
Very High Slew Rate Wideband Operational Amplifier
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com