Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2840 Datasheet (PDF) - Intersil Corporation

HA-2840 Datasheet PDF - Intersil Corporation
Part # HA-2840
Download  HA-2840 Download
File Size   168.51 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Very High Slew Rate, Wideband Operational Amplifier

HA-2840 Datasheet (PDF)

Go To PDF Page Download Datasheet
HA-2840 Datasheet PDF - Intersil Corporation

Part # HA-2840
Download  HA-2840 Click to download

File Size   168.51 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Very High Slew Rate, Wideband Operational Amplifier

HA-2840 Datasheet (HTML) - Intersil Corporation


HA-2840 Product details

600MHz, Very High Slew Rate Operational Amplifier



The HA-2840 is a wideband, very high slew rate, operational amplifier featuring superior speed and bandwidth

characteristics. Bipolar construction, coupled with dielectric isolation, delivers outstanding performance in circuits with a closed loop gain of 10 or greater.



Features

• Low Supply Current . . . . . . . . . . . . . . . . . . . . . . . . . 13mA

• Very High Slew Rate . . . . . . . . . . . . . . . . . . . . . . 625V/µs

• Open Loop Gain. . . . . . . . . . . . . . . . . . . . . . . . . . . 25kV/V

• Wide Gain-Bandwidth (AV ≥10). . . . . . . . . . . . . . 600MHz

• Full Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . 10MHz

• Low Offset Voltage. . . . . . . . . . . . . . . . . . . . . . . . . .0.6mV

• Differential Gain/Phase . . . . . . . . . .  0.03%/0.03 Degrees

• Enhanced Replacement for EL2039



Applications

• Pulse and Video Amplifiers

• Wideband Amplifiers

• High Speed Sample-Hold Circuits

• RF Oscillators




Similar Part No. - HA-2840

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HA-2840 HARRIS-HA-2840 Datasheet
142Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840 Datasheet
248Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
September 1998
More results


Similar Description - HA-2840

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2539 INTERSIL-HA-2539 Datasheet
613Kb / 8P
600MHz, Very High Slew Rate Operational Amplifier
September 1998
logo
Harris Corporation
HA2840 HARRIS-HA2840 Datasheet
142Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2839 INTERSIL-HA-2839 Datasheet
165Kb / 12P
Very High Slew Rate, Wideband Operational Amplifier
July 1994
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
Precision, High Slew Rate, Wideband Operational Amplifier
July 1997
logo
Elantec Semiconductor
EL2040 ELANTEC-EL2040 Datasheet
914Kb / 12P
Very High Slew Rate Wideband Operational Amplifier
EL2040C ELANTEC-EL2040C Datasheet
798Kb / 12P
Very High Slew Rate Wideband Operational Amplifier
logo
Harris Corporation
HA-2839 HARRIS-HA-2839 Datasheet
140Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
logo
Intersil Corporation
HA-2840 INTERSIL-HA-2840_98 Datasheet
248Kb / 7P
600MHz, Very High Slew Rate Operational Amplifier
September 1998
HA-2539 INTERSIL-HA-2539_03 Datasheet
518Kb / 10P
600MHz, Very High Slew Rate Operational Amplifier
May 2003
logo
Renesas Technology Corp
HA-2539 RENESAS-HA-2539 Datasheet
678Kb / 10P
600MHz, Very High Slew Rate Operational Amplifier
May 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com