Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89F499 Datasheet (PDF) - fujitsu semiconductor

MB89F499 Datasheet PDF - fujitsu semiconductor
Part # MB89F499
Download  MB89F499 Download
File Size   577.88 Kbytes
Page   45 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89F499 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB89F499 Datasheet PDF - fujitsu semiconductor

Part # MB89F499
Download  MB89F499 Click to download

File Size   577.88 Kbytes
Page   45 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 8-bit Proprietary Microcontroller

MB89F499 Datasheet (HTML) - fujitsu semiconductor


MB89F499 Product details


■ DESCRIPTION
The MB89490 series has been developed as a general-purpose version of the F2MC*-8L family consisting of proprietary 8-bit single-chip microcontrollers.

■ FEATURES
• Package used
    QFP package for MB89F499, MB89497,MB89498
    MQFP package for MB89PV490
• High speed operating capability at low voltage
• Minimum execution time: 0.32 µs/12.5MHz
• F2MC-8L family CPU core
    Instruction set optimized for controllers
                              Multiplication and division instructions
                              16-bit arithmetic operations
                              Test and branch instructions
                              Bit manipulation instructions, etc.
• Clock
    Embedded PLL clock multiplication circuit for sub-clock
    Operating clock (PLL for sub-clock) can be selected four times of the sub-clock oscillation
• Six timers
    PWM timer x 2
    8/16-bit timer/counter x 2
    21-bit timebase timer
    Watch prescaler
• External interrupt
    Edge detection (selectable edge) : 8 channels
    Low level interrupt (wake-up function) : 8 channels
• 10-bit A/D converter (8 channels)
    10-bit successive approximation type
• UART/SIO
    Synchronous/asynchronous data transfer capability
• SIO
    Synchronous data transfer capability
• LCD controller/driver
    Max. 32 segments output x 4 commons
• I2C interface circuit
• Remote receiver circuit
• Low-power consumption mode
    Stop mode (oscillation stops so as to minimize the current consumption.)
    Sleep mode (CPU stops so as to reduce the current consumption to approx. 1/3 of normal.)
    Watch mode (everything except the watch prescaler stops so as to reduce the power comsumption to an extremely low level.)
    Sub-clock mode
• Watchdog timer reset
• I/O ports: max. 66channels




Similar Part No. - MB89F499

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89F499 FUJITSU-MB89F499 Datasheet
564Kb / 57P
8-bit Proprietary Microcontroller CMOS
MB89F499PF FUJITSU-MB89F499PF Datasheet
564Kb / 57P
8-bit Proprietary Microcontroller CMOS
MB89F499PFV FUJITSU-MB89F499PFV Datasheet
564Kb / 57P
8-bit Proprietary Microcontroller CMOS
More results


Similar Description - MB89F499

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB89181 FUJITSU-MB89181 Datasheet
321Kb / 50P
8-bit Proprietary Microcontroller
MB89673R FUJITSU-MB89673R Datasheet
795Kb / 59P
8-bit Proprietary Microcontroller
MB89821 FUJITSU-MB89821 Datasheet
573Kb / 43P
8-bit Proprietary Microcontroller
MB89875 FUJITSU-MB89875 Datasheet
734Kb / 51P
8-bit Proprietary Microcontroller
MB89898 FUJITSU-MB89898 Datasheet
683Kb / 51P
8-bit Proprietary Microcontroller
MB89913 FUJITSU-MB89913 Datasheet
673Kb / 53P
8-bit Proprietary Microcontroller
MB89923 FUJITSU-MB89923 Datasheet
669Kb / 46P
8-bit Proprietary Microcontroller
MB89F202 FUJITSU-MB89F202 Datasheet
427Kb / 44P
8-Bit Proprietary Microcontroller
MB89680 FUJITSU-MB89680 Datasheet
652Kb / 43P
8-bit Proprietary Microcontroller
MB89650AR FUJITSU-MB89650AR Datasheet
509Kb / 48P
8-bit Proprietary Microcontroller
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com