Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3361K Datasheet (PDF) - Mitsumi Electronics, Corp.

MM3361K Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM3361K
Download  MM3361K Download
File Size   149.65 Kbytes
Page   12 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description 150mA LDO with auto power save

MM3361K Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3361K Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM3361K
Download  MM3361K Click to download

File Size   149.65 Kbytes
Page   12 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description 150mA LDO with auto power save

MM3361K Datasheet (HTML) - Mitsumi Electronics, Corp.




Similar Part No. - MM3361K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3313 MITSUMI-MM3313 Datasheet
110Kb / 9P
AC input detection and power supply protection IC
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
Lithium-Ion Secondary Battery Charge Control IC for AC Charger
MM3333XN MITSUMI-MM3333XN Datasheet
76Kb / 9P
Step-up DC-DC Converter IC
MM3348 MITSUMI-MM3348 Datasheet
96Kb / 10P
300mA Dual Voltage Regulator IC
MM334X MITSUMI-MM334X Datasheet
136Kb / 12P
Low-Saturation voltage 300mA LDO
More results


Similar Description - MM3361K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC56 MICROCHIP-TC56 Datasheet
639Kb / 16P
150mA, 10V LDO with Shutdown
2002
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
150mA MicroPower??LDO with PowerOK
logo
Rohm
BHXXPB1WHFV ROHM-BHXXPB1WHFV Datasheet
363Kb / 6P
Auto Power Save CMOS Type series regulator
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
150mA MicroPower??LDO with PowerOK
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181_07 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010_07 Datasheet
236Kb / 6P
150mA CMOS LDO with Enable
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
150mA CMOS LDO with Enable
logo
YOBON TECHNOLOGIES,INC.
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
150mA High PSRR with Auto-Discharge LDO Regulator
logo
Semtech Corporation
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com