Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C58 Datasheet (PDF) - Winbond

W78C58 Datasheet PDF - Winbond
Part # W78C58
Download  W78C58 Download
File Size   272.66 Kbytes
Page   28 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT EMULATION MICROCONTROLLER

W78C58 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78C58 Datasheet PDF - Winbond

Part # W78C58
Download  W78C58 Click to download

File Size   272.66 Kbytes
Page   28 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT EMULATION MICROCONTROLLER

W78C58 Datasheet (HTML) - Winbond


W78C58 Product details

GENERAL DESCRIPTION
The W78958B is an 8-bit emulation microcontroller that supports emulation for the Winbond W78C51 family of products, including the W78C31, W78C32, W78C51, W78C52, W78C154*, W78C58, W78C438, and W78C458. It is designed to support real-time (up to 40 MHz) emulation tools, such as in-circuit emulators (ICEs).

FEATURES
• 8-bit CMOS emulation microcontroller
• Real-time emulation at up to 40 MHz
• Convenient emulation chip for ICE market
• Two types: standard type and advanced type
• Standard type supports emulation for the W78C31, W78C32, W78C51, W78C52, W78C154*, and W78C58
• Advanced type supports emulation for the W78C438, and W78C458
• In emulation mode, allows direct access to SFRs/PC and internal RAM
• Allows ICE makers to access external program/data memory easily
• Supports switching signals between "internal" and external ROM
• Supports combined emulation program and data memory in a 128 KB SRAM
• Provides internal S1 state clock timing signal for easy creation of the emulation control signals
• Fully static design
• 256-byte on-chip scratchpad RAM
• 64 KB program memory address space in standard type; 1 MB extended program memory address space in advanced type
• 64 KB data memory address space in standard type; 1 MB extended data memory address space in advanced type
• Boolean processor
• Six-source, two-level interrupt capability in standard type; eight-source, two-level interrupt capability in advanced type
• Three 16-bit timer/counters
• One full duplex serial channel
• Built-in power management
• Four 8-bit bidirectional and bit-addressable I/O ports in standard type; four 8-bit bidirectional and bit- addressable I/O ports and one 8-bit bidirectional but parallel I/O port in advanced type
• Packaged in 100-pin PQFP
    - W78958BF-40




Similar Part No. - W78C58

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C58 WINBOND-W78C58 Datasheet
304Kb / 22P
8-BIT MICROCONTROLLER
W78C58-16 WINBOND-W78C58-16 Datasheet
304Kb / 22P
8-BIT MICROCONTROLLER
W78C58-24 WINBOND-W78C58-24 Datasheet
304Kb / 22P
8-BIT MICROCONTROLLER
W78C58-40 WINBOND-W78C58-40 Datasheet
304Kb / 22P
8-BIT MICROCONTROLLER
W78C58F-16 WINBOND-W78C58F-16 Datasheet
304Kb / 22P
8-BIT MICROCONTROLLER
More results


Similar Description - W78C58

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com