Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C58 Datasheet (PDF) - Winbond

W78C58 Datasheet PDF - Winbond
Part # W78C58
Download  W78C58 Download
File Size   304.24 Kbytes
Page   22 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C58 Datasheet (PDF)

Go To PDF Page Download Datasheet
W78C58 Datasheet PDF - Winbond

Part # W78C58
Download  W78C58 Click to download

File Size   304.24 Kbytes
Page   22 Pages
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond
Description 8-BIT MICROCONTROLLER

W78C58 Datasheet (HTML) - Winbond


W78C58 Product details

GENERAL DESCRIPTION
The W78C58 is a derivative of the W78C52 microcontroller family that provides extended internal ROM. The chip has 32K bytes of mask ROM and 256 bytes of RAM.

FEATURES
• DC to 40 MHz extensive operating frequency
• 256-byte on-chip scratch pad RAM
• 32K-byte on-chip mask ROM
• 64K-byte address space for external Program Memory
• 64K-byte address space for external Data Memory
• Three 16-bit timer/counters
• Four 8-bit bit-addressable I/O ports
• One extra 4-bit bit-addressable I/O port, additonal INT2 / INT3
   (Available on 44-pin PLCC/QFP package)
• Eight-source, two priority-level interrupts
• Low EMI emission mode
• Built-in programmable power-saving modes - Idle mode & Power-down mode
• Packages:
   - DIP 40: W78C58-16/24/40
   - PLCC 44: W78C58P-16/24/40
   - QFP 44: W78C58F-16/24/40
   - TQFP 44: W78C58M-16/24/40




Similar Part No. - W78C58

ManufacturerPart #DatasheetDescription
logo
Winbond
W78C58 WINBOND-W78C58 Datasheet
272Kb / 28P
8-BIT EMULATION MICROCONTROLLER
More results


Similar Description - W78C58

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com