Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62212P Datasheet (PDF) - Mitsubishi Electric Semiconductor

M62212P Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M62212P
Download  M62212P Download
File Size   52.67 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description GENERAL PURPOSE DC-DC CONVERTER

M62212P Datasheet (PDF)

Go To PDF Page Download Datasheet
M62212P Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M62212P
Download  M62212P Click to download

File Size   52.67 Kbytes
Page   8 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description GENERAL PURPOSE DC-DC CONVERTER

M62212P Datasheet (HTML) - Mitsubishi Electric Semiconductor


M62212P Product details

DESCRIPTION
M62212 is designed as a general purpose DC-DC converter.
This small 8 pin package contains many functions allowing simpler peripheral circuits and compact set design.
The output transistor is open collector and emitter follower type. This makes the control STEP-UP,STEP-DOWN and INVERTING converter.

FEATURE
• Wide operation power supply voltage range •••••••2.5 ~ 18V
• Low power consumption••••••••••••••••••••••••1.3mA typ
• High speed switching is possible.(300kHz)
• Output short protection circuit and ON/OFF control are used.
   The dead-time control and the soft-start operation are possible
• Package variation : 8pin DIP/SOP/SSOP8

APPLICATIONS
   General electric products, DC-DC converter




Similar Part No. - M62212P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
General Purpose DC/DC Converter
More results


Similar Description - M62212P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
logo
National Semiconductor ...
LM2623 NSC-LM2623 Datasheet
216Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Renesas Technology Corp
M62210FP RENESAS-M62210FP Datasheet
2Mb / 10P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
General Purpose Multi Function DC/DC Converter
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
General Purpose Multifunction DC/DC Converter
logo
Texas Instruments
LM2623 TI1-LM2623_14 Datasheet
958Kb / 16P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com