Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62210FP Datasheet (PDF) - Renesas Technology Corp

M62210FP Datasheet PDF - Renesas Technology Corp
Part # M62210FP
Download  M62210FP Download
File Size   2371.34 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER

M62210FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M62210FP Datasheet PDF - Renesas Technology Corp

Part # M62210FP
Download  M62210FP Click to download

File Size   2371.34 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER

M62210FP Datasheet (HTML) - Renesas Technology Corp


M62210FP Product details

DESCRIPTION
M62210FP is designed as a general purpose multi-function DC-DC converter. This is most suitable as a back-light control for a LCD,etc.
This small 10 pin package contains many functions allowing simpler peripheral circuits and compact set design.
The input of this unit has two channels containing priority control circuit. This makes the control a simple matter when the back-light is on and during the stable state.

FEATURE
● Wide operation power supply voltage range…………2.5~18V
● Low power consumption ………………………………1.3mA typ
● Operation can be synchronized by the external sync signal
● Operation can be controlled using two prioritized systems.
   (High input has priority)
● High speed switching is possible.(300kHz)
● Output short protection circuit and ON/OFF control are used.
   The dead-time control and the soft-start operation are
   possible
● Small size 10-pin SOP package.

APPLICATIONS
   Back-light control of personal computers and word processors
   General electric products




Similar Part No. - M62210FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
More results


Similar Description - M62210FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62210FP MITSUBISHI-M62210FP Datasheet
73Kb / 9P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62211P MITSUBISHI-M62211P Datasheet
75Kb / 9P
GENERAL PURPOSE MULTI FUNCTION DC-DC CONVERTER
M62212P MITSUBISHI-M62212P Datasheet
52Kb / 8P
GENERAL PURPOSE DC-DC CONVERTER
logo
National Semiconductor ...
LM2623 NSC-LM2623_05 Datasheet
595Kb / 11P
General Purpose, Gated Oscillator Based, DC/DC Boost Converter
logo
Renesas Technology Corp
M62211P RENESAS-M62211P Datasheet
148Kb / 12P
General Purpose Multi Function DC/DC Converter
M62212P RENESAS-M62212P Datasheet
109Kb / 9P
General Purpose DC/DC Converter
M62215FP RENESAS-M62215FP Datasheet
148Kb / 11P
General Purpose Multifunction DC/DC Converter
logo
Texas Instruments
LM2623 TI-LM2623_15 Datasheet
1Mb / 22P
General-Purpose, Gated-Oscillator-Based DC/DC Boost Converter
logo
Lowpower Semiconductor ...
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
logo
AiT Semiconductor Inc.
A7531 AITSEMI-A7531 Datasheet
823Kb / 14P
DC-DC CONVERTER/BOOST(STEP-UP) HIGH EFFICIENCY, MULTI-FUNCTION
REV2.2
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com