Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1519CW Datasheet (PDF) - 3M Electronics

1519CW Datasheet PDF - 3M Electronics
Part # 1519CW
Download  1519CW Download
File Size   138.48 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Venture Tape™ Aluminum Foil Tape 1519CW

1519CW Datasheet (PDF)

Go To PDF Page Download Datasheet
1519CW Datasheet PDF - 3M Electronics

Part # 1519CW
Download  1519CW Click to download

File Size   138.48 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 3M™ Venture Tape™ Aluminum Foil Tape 1519CW

1519CW Datasheet (HTML) - 3M Electronics


1519CW Product details

Features
■ Bonds and seals at temperatures as low as -10°F (-23°C)
■ Speciɥcally designed for cold weather conditions
■ Excels in demanding temperature and humidity applications
■ Excellent resistance to extreme environmental conditions
■ Hand tearable and easy to install without special tools or application methods




Similar Part No. - 1519CW

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1519 DATADELAY-1519 Datasheet
39Kb / 3P
10-TAP DIP DELAY LINE TD/TR = 5
logo
List of Unclassifed Man...
1519 ETC-1519 Datasheet
238Kb / 1P
Lift-off Hinges
1519-1 ETC2-1519-1 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1519-1000G ETC-1519-1000G Datasheet
43Kb / 3P
10-TAP DIP DELAY LINE TD/TR = 5
logo
Data Delay Devices, Inc...
1519-1000G DATADELAY-1519-1000G Datasheet
39Kb / 3P
10-TAP DIP DELAY LINE TD/TR = 5
More results


Similar Description - 1519CW

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1517CW 3M-1517CW Datasheet
209Kb / 2P
Venture Tape™ Aluminum Foil Tape
Aug-2017
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1580-P 3M-1580-P Datasheet
251Kb / 2P
Venture Tape™ UL181B Aluminum Foil Tape
Sep-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape??Aluminum Foil Tape
1581A 3M-1581A Datasheet
183Kb / 2P
Venture Tape™ UL181A-P Aluminum Foil Tape 1581A
Jan-2015
12150 3M-12150 Datasheet
126Kb / 5P
3M™ Aluminum Foil Headliner Tape
Jul-2012
4380 3M-4380 Datasheet
129Kb / 5P
3M™ Aluminum Foil Tape 4380
Mar-2011
427 3M-427 Datasheet
129Kb / 5P
3M™ Aluminum Foil Tape 427
Jun-2019
3340 3M-3340 Datasheet
143Kb / 5P
3M™ Aluminum Foil Tape 3340
Jul-2018
431 3M-431 Datasheet
138Kb / 4P
3M™ Aluminum Foil Tape 431
May-2017
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com