Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1581A Datasheet (PDF) - 3M Electronics

1581A Datasheet PDF - 3M Electronics
Part # 1581A
Download  1581A Download
File Size   183.06 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Venture Tape™ UL181A-P Aluminum Foil Tape 1581A

1581A Datasheet (PDF)

Go To PDF Page Download Datasheet
1581A Datasheet PDF - 3M Electronics

Part # 1581A
Download  1581A Click to download

File Size   183.06 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Venture Tape™ UL181A-P Aluminum Foil Tape 1581A

1581A Datasheet (HTML) - 3M Electronics


1581A Product details

Features
■ UL181A-P Listed (UL File # MH16587)
■ UL181B-FX Listed (UL File # MH16587)
■ ULC S102 Listed [Flame/Smoke 0/0] (ULC File # R10984)
■ Cold weather adhesive Typical Physical Properties




Similar Part No. - 1581A

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1581 POMONA-1581 Datasheet
26Kb / 1P
Panel Mount Banana Jack
logo
Hammond Manufacturing L...
1581 HAMMOND-1581 Datasheet
47Kb / 1P
230VAC / 10A IEC Heavy Duty Outlet Strip
logo
Pomona Electronics
1581 POMONA-1581 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
1581-0 POMONA-1581-0 Datasheet
26Kb / 1P
Panel Mount Banana Jack
1581-1 POMONA-1581-1 Datasheet
26Kb / 1P
Panel Mount Banana Jack
More results


Similar Description - 1581A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
2-5-425 3M-2-5-425 Datasheet
344Kb / 2P
Aluminum Foil Tape
Apr-2008
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
1507 3M-1507 Datasheet
271Kb / 2P
Venture Tape™ Line Set Tape & Venture Tape™ Reflective
Jan-2017
1517CW 3M-1517CW Datasheet
209Kb / 2P
Venture Tape™ Aluminum Foil Tape
Aug-2017
1519CW 3M-1519CW Datasheet
138Kb / 4P
3M™ Venture Tape™ Aluminum Foil Tape 1519CW
Jan-2018
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1537CW 3M-1537CW Datasheet
248Kb / 2P
Venture Tape™ Facing Tape
Sep-2017
1580-P 3M-1580-P Datasheet
251Kb / 2P
Venture Tape™ UL181B Aluminum Foil Tape
Sep-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
3369 3M-3369 Datasheet
34Kb / 2P
Aluminum Foil Tape
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com